Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V821L15PFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V821L15PFG
Description  3.3 VOLT DUAL CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V821L15PFG Datasheet(HTML) 4 Page - Integrated Device Technology

  72V821L15PFG Datasheet HTML 1Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 2Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 3Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V821L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
IDT72V801/72V8211/72V821/72V831/72V841/72V851 3.3V DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltagewith
–0.5 to +5
V
Respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DC Output Current
–50 to +50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDEDOPERATING
CONDITIONS
VCC
Supply Voltage(Com’l & Ind’l)
3.0
3.3
3.6
V
GND
Supply Voltage(Com’l & Ind’l)
0
0
V
VIH
Input High Voltage
(Com’l & Ind’l)
2.0
5.0
V
VIL
Input Low Voltage
(Com’l & Ind’l)
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
IDT72V801
IDT72V811
IDT72V821
IDT72V831
IDT72V841
IDT72V851
Commercial and Industrial (1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI(2)
Input Leakage Current (Any Input)
–1
–1
μA
ILO(3)
OutputLeakageCurrent
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current (both FIFOs)
40
mA
ICC2(3,7)
StandbyCurrent
10
mA
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OEA, OEB
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 2[0.17 + 0.48*fS + 0.02*CL*fS] (in mA).
These equations are valid under the following conditions:
VCC = 3.3V, TA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0
°C to +70°C; Industrial :VCC = 3.3V ± 0.3V, TA = -40°C to +85°C)
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
Output Capacitance
VOUT = 0V
10
pF
NOTE:
1. With output deselected (OEA, OEB
≥ VIH).
2. Characterized values, not currently tested.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Typ.
Max
Unit
CAPACITANCE (TA= +25°C, f = 1.0MHz)


Similar Part No. - 72V821L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V821L15PFG RENESAS-72V821L15PFG Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
72V821L15PFG8 RENESAS-72V821L15PFG8 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
72V821L15PFGI RENESAS-72V821L15PFGI Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
72V821L15PFGI8 RENESAS-72V821L15PFGI8 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
More results

Similar Description - 72V821L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com