Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05S20JGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V05S20JGI
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05S20JGI Datasheet(HTML) 3 Page - Integrated Device Technology

  70V05S20JGI Datasheet HTML 1Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 2Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 3Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 4Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 5Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 6Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 7Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 8Page - Integrated Device Technology 70V05S20JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 1.18 in x 1.18 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate oriention of the actual part-marking.
Pin Configurations(1,2,3) (con't.)
2941 drw 04
51
50
48
46
44
42
40
38
36
53
55
57
59
61
63
65
67
68
66
13579
11
13
15
20
22
24
26
28
30
32
35
IDT70V05G
G68-1(4)
68-Pin PGA
Top View(5)
A
B
CDE
F
G
H
J
K
L
47
45
43
41
34
21
23
25
27
29
31
33
246810
12
14
16
18
19
17
56
58
60
62
64
11
10
09
08
07
06
05
04
03
02
01
52
54
49
39
37
A5L
INTL
N/C
SEML
CEL
VDD
OEL
R/WL
I/O0L
N/C
VSS
VSS
I/O0R
VDD
N/C
OER
R/
WR
SEMR
CER
VSS
BUSYR
BUSYL M/S
INTR
N/C
VSS
A1R
N/C
N/C
INDEX
A4L
A2L
A0L
A3R
A2R
A4R
A5R
A7R
A6R
A9R
A8R
A11R
A10R
A12R
A0R
A7L
A6L
A3L
A1L
A9L
A8L
A11L
A10L
A12L
VDD
I/O2R
I/O3R I/O5R
I/O6R
I/O1R
I/O4R
I/O7R
I/O1L
I/O2L I/O4L
I/O7L
I/O3L I/O5L
I/O6L
12/03/01
Pin Names
tr
o
P
tf
e
Ltr
o
P
t
h
g
i
Rs
e
m
a
N
E
C L
E
C R
e
l
b
a
n
E
p
i
h
C
/
R WL
/
R WR
e
l
b
a
n
E
e
ti
r
W
/
d
a
e
R
E
O L
E
O R
e
l
b
a
n
E
t
u
p
t
u
O
A0L A
- 2
1 L
A0R A
- 2
1 R
s
s
e
r
d
d
A
O
/I 0L
O
/I
-
7L
O
/I 0R
O
/I
-
7R
t
u
p
t
u
O
/t
u
p
n
I
a
t
a
D
M
E
S
L
M
E
S
R
e
l
b
a
n
E
e
r
o
h
p
a
m
e
S
T
N
I L
T
N
I R
g
a
l
F
t
p
u
rr
e
t
n
I
Y
S
U
B
L
Y
S
U
B
R
g
a
l
F
y
s
u
B
/
M S
t
c
e
l
e
S
e
v
a
l
S
r
o
r
e
t
s
a
M
VDD
)
v
3
.
3
(
r
e
w
o
P
VSS
)
v
0
(
d
n
u
o
r
G
0
0
l
b
t
1
4
9
2


Similar Part No. - 70V05S20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05S20JGI IDT-70V05S20JGI Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
70V05S20JGI8 IDT-70V05S20JGI8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05S20JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com