Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7015S25PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7015S25PFG
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7015S25PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  7015S25PFG Datasheet HTML 1Page - Integrated Device Technology 7015S25PFG Datasheet HTML 2Page - Integrated Device Technology 7015S25PFG Datasheet HTML 3Page - Integrated Device Technology 7015S25PFG Datasheet HTML 4Page - Integrated Device Technology 7015S25PFG Datasheet HTML 5Page - Integrated Device Technology 7015S25PFG Datasheet HTML 6Page - Integrated Device Technology 7015S25PFG Datasheet HTML 7Page - Integrated Device Technology 7015S25PFG Datasheet HTML 8Page - Integrated Device Technology 7015S25PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
The IDT7015 is a high-speed 8K x 9 Dual-Port Static RAM. The
IDT7015 is designed to be used as a stand-alone Dual-Port RAM or as
acombinationMASTER/SLAVEDual-PortRAMfor18-bit-or-moreword
systems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproachin18-
bitorwidermemorysystemapplicationsresultsinfull-speed,error-free
operationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately .95 in x .95 in x .17 in.
4. This package code is used to reference the package diagram.
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 750mW of power.
The IDT7015 is packaged in a 64-pin PLCC and an 80-pinTQFP
(ThinQuadFlatpack).
Pin Names
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L
A0R - A12R
Address
I/O0L - I/O8L
I/O0R - I/O8R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
2954 tbl 01
2954 drw 02
9
8
7
6
5
4
3
2
1
68
67
66
65
27
28
29
30
31
32
33
34
35
36
37
38
39
VCC
R/
WL
40
41
42
43
64
63
62
61
A12R
I/O7R
I/O8R
GND
OER
R/
WR
SEMR
CER
OEL
SEML
CEL
I/O8L
I/O0L
I/O1L
7015
J68(4)
N/C
A12L
N/C
A11R
N/C
A10R
A9R
A8R
A7R
A6R
A5R
A11L
A10L
A9L
A8L
A7L
A6L
N/C


Similar Part No. - 7015S25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7015S25PFG IDT-7015S25PFG Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S25PFG8 IDT-7015S25PFG8 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S25PFGI IDT-7015S25PFGI Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
7015S25PFGI8 IDT-7015S25PFGI8 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - 7015S25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com