Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V06L35JGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70V06L35JGI
Description  HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V06L35JGI Datasheet(HTML) 4 Page - Integrated Device Technology

  70V06L35JGI Datasheet HTML 1Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 2Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 3Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 4Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 5Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 6Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 7Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 8Page - Integrated Device Technology 70V06L35JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
IDT70V06S/L
High-Speed 3.3V 16K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table I: Non-Contention Read/Write Control
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. A0L — A13L
≠ A0R — A13R
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from I/O0 - I/O7. These eight semaphores are addressed by A0 - A2.
Inputs(1)
Outputs
Mode
CE
R
/W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
LH
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
2942 tbl 02
Inputs
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
HH
L
L
DATAOUT
Read Data in Semaphore Flag
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
____
Not Allowed
2942 tbl 03


Similar Part No. - 70V06L35JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V06L35JGI IDT-70V06L35JGI Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
70V06L35JGI8 IDT-70V06L35JGI8 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V06L35JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com