Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V241L15PFGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V241L15PFGI8
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V241L15PFGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72V241L15PFGI8 Datasheet HTML 1Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 2Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V241L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
4
*Includes jig and scope capacitances.
AC TEST CONDITIONS
In Pulse Levels
GND to 3.0V
InputRise/FallTimes
3ns
InputTimingReferenceLevels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 1
or equivalent circuit
Figure 1. Output Load
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3 ±0.3V, TA = 0
°C to + 70°C;Industrial: VCC = 3.3 ±0.3V, TA = -40°C to + 85°C)
NOTES:
1. Pulse widths less than minimum values are not allowed.
2. Industrial temperature range is available by special order for speed grades faster than 15ns.
3. Values guaranteed by design, not currently tested.
Commercial
Com'l & Ind'l(2)
Commercial
IDT72V201L10
IDT72V201L15
IDT72V201L20
IDT72V211L10
IDT72V211L15
IDT72V211L20
IDT72V221L10
IDT72V221L15
IDT72V221L20
IDT72V231L10
IDT72V231L15
IDT72V231L20
IDT72V241L10
IDT72V241L15
IDT72V241L20
IDT72V251L10
IDT72V251L15
IDT72V251L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
DataAccessTime
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock High Time
4.5
6
8
ns
tCLKL
Clock Low Time
4.5
6
8
ns
tDS
DataSetupTime
3
4
5
ns
tDH
DataHoldTime
0.5
1
1
ns
tENS
EnableSetupTime
3
4
5
ns
tENH
EnableHoldTime
0.5
1
1
ns
tRS
ResetPulseWidth(1)
10
15
20
ns
tRSS
ResetSetupTime
8
10
12
ns
tRSR
Reset Recovery Time
8
10
12
ns
tRSF
ResettoFlagandOutputTime
10
15
20
ns
tOLZ
OutputEnabletoOutputinLow-Z(3)
0—
0
0—
ns
tOE
OutputEnabletoOutputValid
3
3
8
3
10
ns
tOHZ
OutputEnabletoOutputinHigh-Z(3)
3—
3
8
310
ns
tWFF
Write Clock to Full Flag
6.5
10
12
ns
tREF
Read Clock to Empty Flag
6.5
10
12
ns
tAF
Write Clock to Almost-Full Flag
6.5
10
12
ns
tAE
Read Clock to Almost-Empty Flag
6.5
10
12
ns
tSKEW1
Skew time between Read Clock & Write
5
6
8
ns
Clock for Empty Flag &Full Flag
tSKEW2
Skew time between Read Clock & Write
14
18
20
ns
Clock for Almost-Empty Flag &
Almost-FullFlag
30pF*
D.U.T.
4092 drw03
3.3V
330
Ω
510
Ω


Similar Part No. - 72V241L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V241L15PFGI8 RENESAS-72V241L15PFGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V241L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com