Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V245L15TFG8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72V245L15TFG8
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V245L15TFG8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72V245L15TFG8 Datasheet HTML 5Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 6Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 7Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 8Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 9Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 10Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 11Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 12Page - Integrated Device Technology 72V245L15TFG8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
Figure 2. Writing to Offset Registers
LD
WEN
WCLK
Selection
0
0
Writingtooffsetregisters:
EmptyOffset
FullOffset
0
1
NoOperation
1
0
Write Into FIFO
1
1
NoOperation
Figure 3. Offset Register Location and Default Values
SIGNAL DESCRIPTIONS:
INPUTS:
DATA IN (D0 - D17)
Data inputs for 18-bit wide data.
CONTROLS:
RESET (RS)
Reset is accomplished whenever the Reset (RS) input is taken to a LOW
state. During reset, both internal read and write pointers are set to the first
location. A reset is required after power-up before a write operation can take
place.TheHalf-FullFlag(HF)andProgrammableAlmost-FullFlag(PAF)will
beresettoHIGHaftertRSF.TheProgrammableAlmost-EmptyFlag(PAE)will
be reset to LOW after tRSF. The Full Flag (FF) will reset to HIGH. The Empty
Flag(EF)willresettoLOWinIDTStandardmodebutwillresettoHIGHinFWFT
mode. Duringreset,theoutputregisterisinitializedtoallzerosandtheoffset
registersareinitializedtotheirdefaultvalues.
WRITE CLOCK (WCLK)
AwritecycleisinitiatedontheLOW-to-HIGHtransitionoftheWriteClock
(WCLK).DatasetupandholdtimesmustbemetwithrespecttotheLOW-to-HIGH
transitionofWCLK.
The Write and Read Clocks can be asynchronous or coincident.
WRITE ENABLE (WEN)
WhentheWENinput isLOW,datamaybeloadedintotheFIFORAMarray
on the rising edge of every WCLK cycle if the device is not full. Data is stored
in the RAM array sequentially and independently of any ongoing read
operation.
WhenWENisHIGH,nonewdataiswrittenintheRAMarrayoneachWCLK
cycle.
To prevent data overflow in the IDT Standard Mode, FF will go LOW,
inhibiting further write operations. Upon the completion of a valid read cycle,
FF will go HIGH allowing a write to occur. TheFF flag is updated on the rising
edgeofWCLK.
To prevent data overflow in the FWFT mode, IR will go HIGH, inhibiting
further write operations. Upon the completion of a valid read cycle, IR will go
LOWallowingawritetooccur. TheIRflagisupdatedontherisingedgeofWCLK.
WENisignoredwhentheFIFOisfullineitherFWFTorIDTStandardmode.
READ CLOCK (RCLK)
DatacanbereadontheoutputsontheLOW-to-HIGHtransitionoftheRead
Clock (RCLK), when Output Enable (OE) is set LOW.
The Write and Read Clocks can be asynchronous or coincident.
READ ENABLE (REN)
WhenReadEnableisLOW,dataisloadedfromtheRAMarrayintotheoutput
register on the rising edge of every RCLK cycle if the device is not empty.
WhentheRENinputisHIGH,theoutputregisterholdsthepreviousdataand
nonewdataisloadedintotheoutputregister. ThedataoutputsQ0-Qnmaintain
the previous data value.
In the IDT Standard mode, every word accessed at Qn, including the first
wordwrittentoanemptyFIFO,mustberequestedusingREN. Whenthelast
wordhasbeenreadfromtheFIFO,theEmptyFlag(EF)willgoLOW,inhibiting
furtherreadoperations. RENisignoredwhentheFIFOisempty. Onceawrite
isperformed,EFwillgoHIGHallowingareadtooccur. TheEFflagisupdated
on the rising edge of RCLK.
IntheFWFTmode,thefirstwordwrittentoanemptyFIFOautomaticallygoes
to the outputs Qn, on the third valid LOW to HIGH transition of RCLK + tSKEW
afterthefirstwrite. RENdoesnotneedtobeassertedLOW. Inordertoaccess
allotherwords,areadmustbeexecutedusingREN. TheRCLKLOWtoHIGH
transitionafterthelastwordhasbeenreadfromtheFIFO,OutputReady(OR)
willgoHIGHwithatrue read(RCLKwith REN=LOW),inhibitingfurtherread
operations. REN is ignored when the FIFO is empty.
OUTPUT ENABLE (OE)
When Output Enable (OE) is enabled (LOW), the parallel output buffers
receivedatafromtheoutputregister.WhenOEisdisabled(HIGH),theQoutput
databusisinahigh-impedancestate.
LOAD (LD)
The IDT72V205/72V215/72V225/72V235/72V245 devices contain two
12-bitoffsetregisterswithdataontheinputs,orreadontheoutputs. Whenthe
Load (LD) pin is set LOW and WEN is set LOW, data on the inputs D0-D11 is
writtenintotheEmptyOffsetregisteronthefirstLOW-to-HIGHtransitionofthe
Write Clock (WCLK). When the LD pin and WEN are held LOW then data is
written into the Full Offset register on the second LOW-to-HIGH transition of
WCLK.ThethirdtransitionofWCLKagainwritestotheEmptyOffsetregister.
However,writingalloffsetregistersdoesnothavetooccuratonetime.One
ortwooffsetregisterscanbewrittenandthenbybringingtheLDpinHIGH,the
FIFOisreturnedtonormalread/writeoperation.WhentheLDpinissetLOW,
and WEN is LOW, the next offset register in sequence is written.
EMPTY OFFSET REGISTER
17
11
0
001FH (72V205) 003FH (72V215):
007FH (72V225/72V235/72V245)
FULL OFFSET REGISTER
17
11
0
DEFAULT VALUE
DEFAULT VALUE
001FH (72V205) 003FH (72V215):
007FH (72V225/72V235/72V245)
4294 drw 04
NOTE:
1. Any bits of the offset register not being programmed should be set to zero.
NOTE:
1. The same selection sequence applies to reading from the registers. REN is enabled and
read is performed on the LOW-to-HIGH transition of RCLK.


Similar Part No. - 72V245L15TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V245L15TFG8 RENESAS-72V245L15TFG8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V245L15TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com