Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V245L20TFGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V245L20TFGI
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V245L20TFGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V245L20TFGI Datasheet HTML 4Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 5Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 6Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 7Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 8Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 9Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 10Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 11Page - Integrated Device Technology 72V245L20TFGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
NOTES:
1. In a daisy-chain depth expansion, FL is held LOW for the "first load device". The RXI and WXI inputs are driven by the corresponding RXO and WXO outputs of the
preceding device.
2. In a daisy-chain depth expansion, FL is held HIGH for members of the expansion other than the "first load device". The RXI and WXI inputs are driven by the corresponding
RXO and WXO outputs of the preceding device.
TABLE 3 — TRUTH TABLE FOR CONFIGURATION AT RESET
FL
RXI
WXI
EF/OR
FF/IR
PAE, PAF
FIFO Timing Mode
0
0
0
Singleregister-buffered
Singleregister-buffered
Asynchronous
Standard
EmptyFlag
Full Flag
0
0
1
Tripleregister-buffered
Doubleregister-buffered
Asynchronous
FWFT
Output Ready Flag
Input Ready Flag
0
1
0
Doubleregister-buffered
Doubleregister-buffered
Asynchronous
Standard
EmptyFlag
Full Flag
0(1)
1
1
Singleregister-buffered
Singleregister-buffered
Asynchronous
Standard
EmptyFlag
Full Flag
1
0
0
Singleregister-buffered
Singleregister-buffered
Synchronous
Standard
EmptyFlag
Full Flag
1
0
1
Tripleregister-buffered
Doubleregister-buffered
Synchronous
FWFT
Output Ready Flag
Input Ready Flag
1
1
0
Doubleregister-buffered
Doubleregister-buffered
Synchronous
Standard
EmptyFlag
Full Flag
1(2)
1
1
Singleregister-buffered
Singleregister-buffered
Synchronous
Standard
EmptyFlag
Full Flag
TABLE 4 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — IDT STANDARD
MODE
Empty Flag (EF)
Full Flag (FF)
Partial Flags
Programming at Reset
Flag Timing
Buffered Output
Buffered Output
Timing Mode
FL
RXI
WXI
Diagrams
Single
Single
Asynch
0
0
0
Figure 9, 10
Single
Single
Sync
1
0
0
Figure 9, 10
Double
Double
Asynch
0
1
0
Figure 24, 26
Double
Double
Synch
1
1
0
Figure 24, 26
TABLE 5 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — FWFT MODE
Output Ready (OR)
Input Ready (IR)
Partial Flags
Programming at Reset
Flag Timing
FL
RXI
WXI
Diagrams
Triple
Double
Asynch
0
0
1
Figure 27
Triple
Double
Sync
1
0
1
Figure 20, 21


Similar Part No. - 72V245L20TFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V245L20TFGI RENESAS-72V245L20TFGI Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V245L20TFGI8 RENESAS-72V245L20TFGI8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V245L20TFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com