Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V245L10TFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V245L10TFG
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V245L10TFG Datasheet(HTML) 2 Page - Integrated Device Technology

  72V245L10TFG Datasheet HTML 1Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 2Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 3Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 4Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 5Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 6Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 7Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 8Page - Integrated Device Technology 72V245L10TFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
PIN CONFIGURATIONS
TQFP (PN64-1, order code: PF)
STQFP (PP64-1, order code: TF)
TOP VIEW
DESCRIPTION (CONTINUED)
PIN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Q14
Q13
GND
Q12
Q11
VCC
Q10
Q9
GND
Q8
Q7
Q6
Q5
GND
Q4
VCC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
4294 drw 02
ThesynchronousFIFOshavetwofixedflags,EmptyFlag/OutputReady
(EF/OR) and Full Flag/Input Ready (FF/IR), and two programmable flags,
Almost-Empty (PAE) and Almost-Full (PAF). The offset loading of the
programmableflagsiscontrolledbyasimplestatemachine,andisinitiatedby
asserting the Load pin (LD). A Half-Full flag (HF) is available when the FIFO
is used in a single device configuration.
Therearetwopossibletimingmodesofoperationwiththesedevices:IDT
Standard mode and First Word Fall-Through (FWFT) mode.
InIDTStandardMode,thefirstwordwrittentoanemptyFIFOwillnotappear
onthedataoutputlinesunlessaspecificreadoperationisperformed.Aread
operation,whichconsistsofactivatingRENandenablingarisingRCLKedge,
willshiftthewordfrominternalmemorytothedataoutputlines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
tothedataoutputlinesafter threetransitionsoftheRCLKsignal.ARENdoes
not have to be asserted for accessing the first word.
These devices are depth expandable using a Daisy-Chain technique or
FirstWordFallThroughmode(FWFT).TheXIandXOpinsareusedtoexpand
the FIFOs. In depth expansion configuration, First Load (FL) is grounded on
the first device and set to HIGH for all other devices in the Daisy Chain.
The IDT72V205/72V215/72V225/72V235/72V245 are fabricated using
high-speedsubmicronCMOStechnology.


Similar Part No. - 72V245L10TFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V245L10TFG RENESAS-72V245L10TFG Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V245L10TFG8 RENESAS-72V245L10TFG8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V245L10TFGI RENESAS-72V245L10TFGI Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V245L10TFGI8 RENESAS-72V245L10TFGI8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V245L10TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com