Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V241L10PFG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V241L10PFG
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V241L10PFG Datasheet(HTML) 1 Page - Integrated Device Technology

  72V241L10PFG Datasheet HTML 1Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 2Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 3Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 4Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 5Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 6Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 7Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 8Page - Integrated Device Technology 72V241L10PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
3.3 VOLT CMOS SyncFIFO™
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9 and 8,192 x 9
IDT72V201, IDT72V211
IDT72V221, IDT72V231
IDT72V241, IDT72V251
©2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4092/6
AUGUST 2013
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
are very high-speed, low-power First-In, First-Out (FIFO) memories with
clockedreadandwritecontrols.Thearchitecture,functionaloperationandpin
assignments are identical to those of the IDT72201/72211/72221/72231/
72241/72251,butoperateatapowersupplyvoltage(Vcc)between3.0Vand
3.6V. These devices have a 256, 512, 1,024, 2,048, 4,096 and 8,192 x 9-
bitmemoryarray,respectively.TheseFIFOsareapplicableforawidevariety
ofdatabufferingneedssuchasgraphics,localareanetworksandinterprocessor
communication.
These FIFOs have 9-bit input and output ports. The input port is
controlled by a free-running clock (WCLK), and two Write Enable pins
(WEN1, WEN2). Data is written into the Synchronous FIFO on every
rising clock edge when the Write Enable pins are asserted. The output
port is controlled by another clock pin (RCLK) and two Read Enable pins
(REN1, REN2). The Read Clock can be tied to the Write Clock for single
clock operation or the two clocks can run asynchronous of one another
for dual-clock operation. An Output Enable pin (OE) is provided on the
read port for three-state control of the output.
TheSynchronousFIFOshavetwofixedflags,Empty(EF)andFull(FF).
Twoprogrammableflags,Almost-Empty(PAE)andAlmost-Full(PAF),are
provided for improved system control. The programmable flags default to
Empty+7andFull-7forPAEandPAF,respectively.Theprogrammableflag
offsetloadingiscontrolledbyasimplestatemachineandisinitiatedbyasserting
the Load pin (LD).
These FIFOs are fabricated using high-speed submicron CMOS
technology.
FEATURES:
••••• 256 x 9-bit organization IDT72V201
••••• 512 x 9-bit organization IDT72V211
••••• 1,024 x 9-bit organization IDT72V221
••••• 2,048 x 9-bit organization IDT72V231
••••• 4,096 x 9-bit organization IDT72V241
••••• 8,192 x 9-bit organization IDT72V251
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• Read and Write clocks can be independent
••••• Dual-Ported zero fall-through time architecture
••••• Empty and Full Flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags can be set to
any depth
••••• Programmable Almost-Empty and Almost-Full flags default to
Empty+7, and Full-7, respectively
••••• Output Enable puts output data bus in high-impedance state
••••• Advanced submicron CMOS technology
••••• Available in 32-pin plastic leaded chip carrier (PLCC) and 32-pin
plastic Thin Quad FlatPack (TQFP)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
TheIDT72V201/72V211/72V221/72V231/72V241/72V251SyncFIFOs™
FUNCTIONAL BLOCK DIAGRAM
WCLK
WEN1
WEN2
D0 - D8
LD
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9, 8,192 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OE
RS
Q0 - Q8
RCLK
REN1
REN2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EF
PAE
PAF
FF
4092 drw 01


Similar Part No. - 72V241L10PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V241L10PFG RENESAS-72V241L10PFG Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V241L10PFG8 RENESAS-72V241L10PFG8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V241L10PFGI RENESAS-72V241L10PFGI Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
72V241L10PFGI8 RENESAS-72V241L10PFGI8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V241L10PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com