Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V05L25GG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70V05L25GG
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V05L25GG Datasheet(HTML) 4 Page - Integrated Device Technology

  70V05L25GG Datasheet HTML 1Page - Integrated Device Technology 70V05L25GG Datasheet HTML 2Page - Integrated Device Technology 70V05L25GG Datasheet HTML 3Page - Integrated Device Technology 70V05L25GG Datasheet HTML 4Page - Integrated Device Technology 70V05L25GG Datasheet HTML 5Page - Integrated Device Technology 70V05L25GG Datasheet HTML 6Page - Integrated Device Technology 70V05L25GG Datasheet HTML 7Page - Integrated Device Technology 70V05L25GG Datasheet HTML 8Page - Integrated Device Technology 70V05L25GG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Truth Table I: Non-Contention Read/Write Control
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. A0L — A12L
≠ A0R — A12R
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from I/O0 -I/O7. These eight semaphores are addressed by A0-A2.
s
t
u
p
n
I
)
1
(
s
t
u
p
t
u
O
e
d
o
M
E
C
/
R W
E
OM
E
S
O
/I
7
-
0
HX
X
H
Z
-
h
g
i
Hn
w
o
D
-r
e
w
o
P
:
d
e
t
c
e
l
e
s
e
D
LL
X
H
A
T
A
D
N
I
y
r
o
m
e
M
o
t
e
ti
r
W
LH
LH
A
T
A
D
T
U
O
y
r
o
m
e
M
d
a
e
R
XX
H
X
Z
-
h
g
i
Hd
e
l
b
a
s
i
D
s
t
u
p
t
u
O
2
0
l
b
t
1
4
9
2
s
t
u
p
n
I
)
1
(
s
t
u
p
t
u
O
e
d
o
M
E
C
/
R W
E
OM
E
S
O
/I
7
-
0
HH
L
L
A
T
A
D
T
U
O
g
a
l
F
e
r
o
h
p
a
m
e
S
n
i
a
t
a
D
d
a
e
R
H
XL
A
T
A
D
N
I
ti
r
W e O
/I 0
g
a
l
F
e
r
o
h
p
a
m
e
S
o
t
n
i
LX
X
L
_
_
_
_
d
e
w
o
ll
A
t
o
N
3
0
l
b
t
1
4
9
2


Similar Part No. - 70V05L25GG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V05L25GG IDT-70V05L25GG Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
70V05L25GG8 IDT-70V05L25GG8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
70V05L25GGI IDT-70V05L25GGI Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
70V05L25GGI8 IDT-70V05L25GGI8 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V05L25GG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com