Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C409A-25VC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C409A-25VC
Description  64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C409A-25VC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C409A-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 6Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 7Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 8Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 9Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 10Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 11Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 12Page - Cypress Semiconductor CY7C409A-25VC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY7C408A
CY7C409A
9
Possible Minimum Pulse Width Violation at the Boundary
Conditions
If the handshaking signals IR and OR are not properly used to
generate the SI and SO signals, it is possible to violate the
minimum (effective) SI and SO positive pulse widths at the full
and empty boundaries.
Cascading the 7C408/9A-35 Above 25 MHz
First, the capacity of N cascaded FIFOs is decreased from N
× 64 to (N × 63) + 1.
If cascaded FIFOs are to be operated with an external clock
rate greater than 25 MHz, the interface IR signal must be in-
verted before being fed back to the interface SO pin (
Figure
3). Two things should be noted when this configuration is im-
plemented.
Secondly, the frequency at the cascade interface is less than
the 35 MHz rate at which the external clocks may operate.
Therefore, the first device has its data shifted in faster than it
is shifted out, and eventually this device becomes momentarily
full. When this occurs, the maximum sustainable external
clock frequency changes from 35 MHz to the cascade inter-
face frequency.[28]
When data packets[29] are transmitted, this phenomenon does
not occur unless more than three FIFOs are depth cascaded.
For example, if two FIFOs are cascaded, a packet of 127 (=2
× 63 + 1) words may be shifted in at up to 35 MHz and then
the entire packet may be shifted out at up to 35 MHz.
Figure 2. Shifting Words Out.
C408A–18
SHIFT OUT
HF
AFE
64
63
FULL
56
55
54
30
9
8
7
32
31
1
EMPTY
Figure 3. Cascaded Configuration Above 25 MHz.
Figure 4. Cascaded Configuration at or below 25 MHz [22,23,24,25,26].
C408A–19
IR
SI
SO
OR
B
IR
SI
SO
OR
A
IR
SI
SO
OR
C
IR
SI
DIN
2
1
N
UPSTREAM
DOWNSTREAM
IRX
SIX
DINX
SOX
ORX
DOUTX
SO
OR
128 x 9 Configuration
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
OUTPUT READY
SHIFT IN
SHIFT OUT
INPUT READY
DATA IN
DATA OUT
MR
C408A–20
HF/AFE
HF/AFE
DI4
DI5
DI6
DI7
DO4
DO5
DO6
DO7
DI4
DI5
DI6
DI7
DO4
DO5
DO6
DO7
DI8
DO8
DI8
DO8


Similar Part No. - CY7C409A-25VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C409A-25VC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com