Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7008S15JG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7008S15JG
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7008S15JG Datasheet(HTML) 2 Page - Integrated Device Technology

  7008S15JG Datasheet HTML 1Page - Integrated Device Technology 7008S15JG Datasheet HTML 2Page - Integrated Device Technology 7008S15JG Datasheet HTML 3Page - Integrated Device Technology 7008S15JG Datasheet HTML 4Page - Integrated Device Technology 7008S15JG Datasheet HTML 5Page - Integrated Device Technology 7008S15JG Datasheet HTML 6Page - Integrated Device Technology 7008S15JG Datasheet HTML 7Page - Integrated Device Technology 7008S15JG Datasheet HTML 8Page - Integrated Device Technology 7008S15JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Description
The IDT7008 is a high-speed 64K x 8 Dual-Port Static RAM. The
IDT7008isdesignedtobeusedasastand-alone512K-bitDual-PortRAM
orasacombinationMASTER/SLAVEDual-PortRAMfor16-bit-or-more
wordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in16-bitorwidermemorysystemapplicationsresultsinfull-speed,error-
freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbythe chipenables(CE0andCE1)permittheon-chip
circuitry of each port to enter a very low standby power mode.
Fabricated using a CMOS high-performance technology, these
devices typically operate on only 750mW of power.
TheIDT7008ispackagedina84-pinCeramicPinGridArray(PGA),
a84-pinPlasticLeadlessChipCarrier(PLCC)anda100-pinThinQuad
Flatpack(TQFP).
NOTES:
1. AllVccpinsmustbeconnectedtopowersupply.
2. Packagebodyisapproximately1.15inx1.15inx.17in.
3. Thispackagecodeisusedtoreferencethepackagediagram.
4. AllGNDpinsmustbeconnectedtogroundsupply.
Pin Configurations(1,2,3)
OEL
RI
WL
SEML
CE1L
CE0L
NC
A15L
A14L
A13L
A8L
A7L
A12L
A11L
A10L
A9L
GND
Vcc
NC
NC
NC
A14R
NC
GND
NC
GND
NC
SEMR
CE1R
CE0R
OER
R/
WR
NC
A15R
A12R
A13R
A11R
A10R
A9R
A8R
A7R
14
15
16
17
18
19
20
21
22
23
24
11
10
9
8
7
6
5
4
3
2
1
84
83
33
34
35
36
37
38
39
40
41
42
43
44
45
13 12
25
26
27
28
29
30
31
32
46
47
48
49
50
51
52
53
72
71
70
69
68
67
66
65
64
63
62
73 74
61
60
59
58
57
56
55
54
82
81
80
79
78
77
76
75
7008
J84(3,4)
3198 drw 02
GND
GND


Similar Part No. - 7008S15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7008S15JG IDT-7008S15JG Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S15JG8 IDT-7008S15JG8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S15JGI IDT-7008S15JGI Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S15JGI8 IDT-7008S15JGI8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7008S15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com