Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7008L20JG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7008L20JG
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7008L20JG Datasheet(HTML) 4 Page - Integrated Device Technology

  7008L20JG Datasheet HTML 1Page - Integrated Device Technology 7008L20JG Datasheet HTML 2Page - Integrated Device Technology 7008L20JG Datasheet HTML 3Page - Integrated Device Technology 7008L20JG Datasheet HTML 4Page - Integrated Device Technology 7008L20JG Datasheet HTML 5Page - Integrated Device Technology 7008L20JG Datasheet HTML 6Page - Integrated Device Technology 7008L20JG Datasheet HTML 7Page - Integrated Device Technology 7008L20JG Datasheet HTML 8Page - Integrated Device Technology 7008L20JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 1.12 in x 1.12 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part marking.
Pin Names
Pin Configurations(1,2,3) (con't)
Left Port
Right Port
Names
CE0L
, CE1L
CE0R
, CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A15L
A0R - A15R
Address
I/O0L - I/O7L
I/O0R - I/O7R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
3198 tbl 01
3198 drw 04
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
1
2
5
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT7008G
G84(4)
84-PIN PGA
TOP VIEW(5)
A
B
C
D
E
F
G
H
J
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
3
4
6
9
15
13
16
18
22
24
19
21
68
71
70
77
80
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
INDEX
NC
GND
OEL
R/
WL
CE1L
CE0L
NC
A15L
A14L
A13L
A8L
A7L
A12L
A11L
A10L
A9L
GND
Vcc
NC
NC
NC
A14R
GND
NC
GND
NC
CE1R
CE0R
OER
R/
WR
SEMR
NC
A15R
A12R
A13R
A11R
A10R
A9R
A8R
A7R
I/O6R
I/O5R
I/O4R
I/O3R
Vcc
I/O2R
I/O0R
I/O0L
I/O1L
GND
I/O2L
I/O4L
I/O5L
I/O6L
I/O7L
I/O3L
I/O1R
I/O7R
A6R
A5R
A4R
A3R
A2R
A1R
A0R
/S
A0L
A2L
A3L
A5L
A6L
A1L
A4L
Vcc
GND
NC
INTR
BUSYL
L
GND
BUSYR
M
INT
NC
GND
SEML


Similar Part No. - 7008L20JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7008L20JG IDT-7008L20JG Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008L20JG8 IDT-7008L20JG8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008L20JGI IDT-7008L20JGI Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008L20JGI8 IDT-7008L20JGI8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7008L20JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com