Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7008S20JG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7008S20JG
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7008S20JG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7008S20JG Datasheet HTML 2Page - Integrated Device Technology 7008S20JG Datasheet HTML 3Page - Integrated Device Technology 7008S20JG Datasheet HTML 4Page - Integrated Device Technology 7008S20JG Datasheet HTML 5Page - Integrated Device Technology 7008S20JG Datasheet HTML 6Page - Integrated Device Technology 7008S20JG Datasheet HTML 7Page - Integrated Device Technology 7008S20JG Datasheet HTML 8Page - Integrated Device Technology 7008S20JG Datasheet HTML 9Page - Integrated Device Technology 7008S20JG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. COUT also references CI/O.
Capacitance
(TA = +25°C, f = 1.0mhz) (TQFP Only)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(2) (VCC = 5.0V ± 10%)
NOTES:
1. At Vcc < 2.0V, input leakages are undefined.
2. Refer to Chip Enable Truth Table.
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Recommended DC Operating
Conditions
NOTES:
1. This is the parameter TA. This is the "instant on" case tempreature.
Maximum Operating Temperature
and Supply Voltage(1)
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
IOUT
DC Output Current
50
mA
3198 tbl 05
Grade
Ambient
Temperature
GND
Vcc
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
3198 tbl 06
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3198 tbl 07
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
9
pF
COUT(2)
Output Capacitance
VOUT = 0V
10
pF
3198 tbl 08
Symbol
Parameter
Test Conditions
7008S
7008L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = 4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
3198 tbl 09


Similar Part No. - 7008S20JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7008S20JG IDT-7008S20JG Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S20JG8 IDT-7008S20JG8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S20JGI IDT-7008S20JGI Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S20JGI8 IDT-7008S20JGI8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7008S20JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com