Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7008S35JG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7008S35JG
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7008S35JG Datasheet(HTML) 5 Page - Integrated Device Technology

  7008S35JG Datasheet HTML 1Page - Integrated Device Technology 7008S35JG Datasheet HTML 2Page - Integrated Device Technology 7008S35JG Datasheet HTML 3Page - Integrated Device Technology 7008S35JG Datasheet HTML 4Page - Integrated Device Technology 7008S35JG Datasheet HTML 5Page - Integrated Device Technology 7008S35JG Datasheet HTML 6Page - Integrated Device Technology 7008S35JG Datasheet HTML 7Page - Integrated Device Technology 7008S35JG Datasheet HTML 8Page - Integrated Device Technology 7008S35JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
6.42
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
Truth Table I: Chip Enable(1)
Truth Table II: Non-Contention Read/Write Control
NOTES:
1. A0L – A15L
≠ A0R – A15R.
2. Refer to Chip Enable Truth Table.
Truth Table III: Semaphore Read/Write Control(1)
NOTES:
1. There are eight semaphore flags written to via I/O0 and read from all the I/Os (I/O0-I/O7). These eight semaphore flags are addressed by A0-A2.
2. Refer to Chip Enable Truth Table.
NOTES:
1. Chip Enable references are shown above with the actual CE0 and CE1 levels, CE is a reference only.
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC -0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC -0.2V
X
Port Deselected (CMOS Inactive)
X<0.2V
Port Deselected (CMOS Inactive)
3198 tbl 02
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to memory
LH
LH
DATAOUT
Read memory
X
X
H
X
High-Z
Outputs Disabled
3198 tbl 03
Inputs
Outputs
Mode
CE(2)
R/W
OE
SEM
I/O0-7
HH
L
L
DATAOUT Read Semaphore Flag Data Out
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
______
Not Allowed
3198 tbl 04


Similar Part No. - 7008S35JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7008S35JG IDT-7008S35JG Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S35JG8 IDT-7008S35JG8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S35JGI IDT-7008S35JGI Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
7008S35JGI8 IDT-7008S35JGI8 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7008S35JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com