Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7005L20JG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7005L20JG8
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L20JG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  7005L20JG8 Datasheet HTML 1Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 2Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 3Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 4Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 5Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 6Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 7Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 8Page - Integrated Device Technology 7005L20JG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the 0perating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
NOTE:
1. At Vcc < 2.0V input leakages are undefined.
Data Retention Waveform
Data Retention Characteristics Over All Temperature Ranges
(L Version Only) (VLC = 0.2V, VHC = VCC - 0.2V)
NOTES:
1. TA = +25°C, VCC = 2V, and are not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed by characterization, but is not production tested.
DATA RETENTION MODE
VCC
CE
2738 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
>
Symbol
Parameter
Test Conditions
7005S
7005L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2738 tbl 08
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
___
___
V
ICCDR
Data Retention Current
CE
> VHC
VIN > VHC or < VLC
Mil. & Ind.
___
100
4000
µA
Com'l.
___
100
1500
tCDR(3)
Chip Deselect to Data Retention Time
SEM
> VHC
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
2738 tbl 09


Similar Part No. - 7005L20JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7005L20JGB IDT-7005L20JGB Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005L20JGI IDT-7005L20JGI Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7005L20JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com