Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7007L15PFGB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7007L15PFGB
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7007L15PFGB Datasheet(HTML) 2 Page - Integrated Device Technology

  7007L15PFGB Datasheet HTML 1Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 2Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 3Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 4Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 5Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 6Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 7Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 8Page - Integrated Device Technology 7007L15PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7007 is a high-speed 32K x 8 Dual-Port Static RAM. The
IDT7007isdesignedtobeusedasastand-alone256K-bitDual-PortRAM
or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-or-
more word systems. Using the IDT MASTER/SLAVE Dual-Port
RAM approach in 16-bit or wider memory system applications
results in full-speed, error-free operation without the need for addi-
tional discrete logic.
This device provides two independent ports with separate con-
trol, address, and I/O pins that permit independent, asynchronous
access for reads or writes to any location in memory. An automatic
power down feature controlled by CE permits the on-chip circuitry of
each port to enter a very LOW standby power mode.
Fabricated using IDT’s CMOS high-performance technology,
these devices typically operate on only 850mW of power.
The IDT7007 is packaged in a 68-pin pin PGA, a 68-pin PLCC,
and an 80-pin thin quad flatpack, TQFP. Military grade product is
manufacturedincompliancewiththelatestrevisionofMIL-PRF-38535
QML,ClassB,makingitideallysuitedtomilitarytemperatureapplications
demandingthehighestlevelofperformanceandreliability.
Pin Configurations(1,2,3)
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground.
3. Package body is approximately .95 in x .95 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part marking.


Similar Part No. - 7007L15PFGB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7007 BOURNS-7007 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
TEKTRONIX, INC.
7007-05 TEKTRONIX-7007-05 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-05 TEKTRONIX-7007-05 Datasheet
293Kb / 4P
   Sub-femtoamp Remote SourceMeter짰 SMU Instrument
7007-1 TEKTRONIX-7007-1 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-1 TEKTRONIX-7007-1 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
More results

Similar Description - 7007L15PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com