Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7007S20PFGB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 7007S20PFGB
Description  HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7007S20PFGB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 7007S20PFGB Datasheet HTML 6Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 7Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 8Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 9Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 10Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 11Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 12Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 13Page - Integrated Device Technology 7007S20PFGB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IDT7007S/L
High-Speed 32K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
10
NOTES:
1. Transition is measured 0mV from Low- or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part numbers indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
Symbol
Parameter
7007X15
Com'l Only
7007X20
Com'l & Ind
7007X25
Com'l, Ind
& Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
20
____
25
____
ns
tEW
Chip Enable to End-of-Write(3)
12
____
15
____
20
____
ns
tAW
Address Valid to End-of-Write
12
____
15
____
20
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
12
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
15
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
12
____
15
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
10
____
12
____
15
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
ns
tSWRD
SEM
Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM
Flag Contention Window
5
____
5
____
5
____
ns
2940 tbl 13a
Symbol
Parameter
7007X35
Com'l, Ind
& Military
7007X55
Com'l, Ind
& Military
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
35
____
55
____
ns
tEW
Chip Enable to End-of-Write(3)
30
____
45
____
ns
tAW
Address Valid to End-of-Write
30
____
45
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
ns
tWP
Write Pulse Width
25
____
40
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
30
____
ns
tHZ
Output High-Z Time(1,2)
____
12
____
25
ns
tDH
Data Hold Time(4)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
12
____
25
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
ns
tSWRD
SEM
Flag Write to Read Time
5
____
5
____
ns
tSPS
SEM
Flag Contention Window
5
____
5
____
ns
2940 tbl 13b


Similar Part No. - 7007S20PFGB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7007 BOURNS-7007 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
TEKTRONIX, INC.
7007-05 TEKTRONIX-7007-05 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-05 TEKTRONIX-7007-05 Datasheet
293Kb / 4P
   Sub-femtoamp Remote SourceMeter짰 SMU Instrument
7007-1 TEKTRONIX-7007-1 Datasheet
1,012Kb / 13P
   Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
7007-1 TEKTRONIX-7007-1 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
More results

Similar Description - 7007S20PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7027S IDT-IDT7027S_15 Datasheet
690Kb / 20P
   HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com