Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4703 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4703
Description  isc Silicon NPN RF Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4703 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4703 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4703 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon NPN RF Transistor
2SC4703
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
ICBO
Collector Cutoff Current
VCB= 20V; IE= 0
1.5
μ
A
IEBO
Emitter Cutoff Current
VEB= 2V; IC= 0
1.5
μ
A
hFE
DC Current Gain
IC= 5mA ; VCE= 5V
50
250
fT
Current-Gain—Bandwidth Product
IC= 5mA ; VCE= 5V
6.0
GHz
COB
Output Capacitance
IE= 0 ; VCB= 5V;f= 1.0MHz
1.5
2.5
pF
S21e2 Insertion Power Gain
IC= 50mA ; VCE= 5V;f= 1.0GHz
6.5
8.3
dB
S21e2 Insertion Power Gain
IC= 20mA ; VCE= 10V;f= 1.0GHz
8.5
dB
NF
Noise Figure
IC= 50mA ; VCE= 5V;f= 1.0GHz
2.3
3.5
dB
IM2
2nd Intermodulation Distortion
VCE = 5V, IC = 50mA,
VO = 105 dBμV/75 Ω,
f =190 MHz 90 MHz
-55
dB
VCE = 10V, IC = 50mA,
VO = 105 dBμV/75 Ω,
f =190 MHz 90 MHz
-63
IM3
3nd Intermodulation Distortion
VCE = 5V, IC = 50mA,
VO = 105 dBμV/75 Ω,
f =2×190 MHz 200 MHz
-76
dB
VCE = 10V, IC = 50mA,
VO = 105 dBμV/75 Ω,
f =2×190 MHz 200 MHz
-81
hFE Classification
Class
SH
SF
SE
Marking
SH
SF
SE
hFE
50-100
80-160
125-250


Similar Part No. - 2SC4703

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4703 NEC-2SC4703 Datasheet
66Kb / 8P
   MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4703 RENESAS-2SC4703 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
logo
California Eastern Labs
2SC4703 CEL-2SC4703 Datasheet
163Kb / 7P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 3-PIN POWER MINIMOLD
logo
Renesas Technology Corp
2SC4703-A RENESAS-2SC4703-A Datasheet
137Kb / 2P
   RF & Microwave device
2SC4703-T1 RENESAS-2SC4703-T1 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR
More results

Similar Description - 2SC4703

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2351 ISC-2SC2351 Datasheet
109Kb / 3P
   isc Silicon NPN RF Transistor
BFS67 ISC-BFS67 Datasheet
87Kb / 3P
   isc Silicon NPN RF Transistor
2SC2734 ISC-2SC2734 Datasheet
138Kb / 4P
   isc Silicon NPN RF Transistor
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
   isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
   isc Silicon NPN RF Transistor
BFR93AW ISC-BFR93AW Datasheet
211Kb / 7P
   isc Silicon NPN RF Transistor
2SC2570A ISC-2SC2570A Datasheet
248Kb / 5P
   isc Silicon NPN RF Transistor
2SC2735 ISC-2SC2735 Datasheet
144Kb / 4P
   isc Silicon NPN RF Transistor
2SC4250 ISC-2SC4250 Datasheet
198Kb / 4P
   isc Silicon NPN RF Transistor
2SC4265 ISC-2SC4265 Datasheet
141Kb / 4P
   isc Silicon NPN RF Transistor
BFR520 ISC-BFR520 Datasheet
197Kb / 7P
   isc Silicon NPN RF Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com