Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT5640L32-8 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GLT5640L32-8
Description  CMOS Synchronous DRAM 2M x 32 SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT5640L32-8 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GLT5640L32-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 12Page - List of Unclassifed Manufacturers GLT5640L32-8 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Dec
2003
Rev.0.3
G-Link Technology Corp.
9
G-LINK
ADVANCED
GLT5640L32
CMOS Synchronous DRAM
AC CHARACTERISTICS -
II (AC Operating Conditions Unless Otherwise Noted)
Notice :
1. The minimum number of clock cycle is determined by dividing the minimum time required with clock cycle time and them
rounding off to the next higher integer.
2. In case of row precharge interrupt, auto precharge and read burst stop.
3. A new command can be given tRC after self refresh exit.
RAS Cycle Time
Precharge to Data-out Hi-Z
ns
CLK
1
-
2
-5
-5.5
-6
-7
-8
-10
PARAMETER
SYM.
Min Max Min Max Min Max Min Max Min Max Min Max
UNIT NOTE
Operation
tRC
55
55
60
70
70
70
Auto Refresh
tRRC
55
55
60
70
70
70
RAS Active Time
tRAS
40 100K 38.5 100K 42 100K 49 100K 48 100K 50 100K
RAS Precharge Time
tRP
15
-
16.5
-
18
-
20
-
20
-
20
-
RAS to RAS Bank Active Delay
tRRD
10
-
11
-
12
-
14
-
16
-
20
-
CAS to CAS Delay
tCCD
1
-
1
-
1
-
1
-
1
-
1
-
Data-in to Precharge Command
tDPL
1
-
1
-
1
-
1
-
1
-
1
-
Data-in to Active Command
tDAL
4
-
4
-
4
-
4
-
4
-
4
-
DQM to Data-out Hi-Z
tDQZ
2
-
2
-
2
-
2
-
2
-
2
-
DQM to Data-in Mask
tDQM
0
-
0
-
0
-
0
-
0
-
0
-
CAS Latency = 3
tPROZ
3
-
3
-
3
-
3
-
3
-
3
-
CAS Latency = 2
tPROZ
-
-
-
-
-
-
-
-
2
-
2
-
Power Down Exit Time
tPDE
1
-
1
-
1
-
1
-
1
-
1
-
-
Self Refresh Exit Time
tSRE
1
-
1
-
1
-
1
-
1
-
1
-
3
Refresh Time
tREF
-
64
-
64
-
64
-
64
-
64
-
64
ms
-
-
-
-
-
-
-
RAS to CAS Delay
tRCD
15
-
16.5
-
18
-
20
-
20
-
20
-
MRS to New Command
tMRD
2
-
2
-
2
-
2
-
2
-
2
-


Similar Part No. - GLT5640L32-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-10TC ETC-GLT5640AL16-10TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-5.5TC ETC-GLT5640AL16-5.5TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-6TC ETC-GLT5640AL16-6TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-7TC ETC-GLT5640AL16-7TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
More results

Similar Description - GLT5640L32-8

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638325 ETRON-EM638325 Datasheet
762Kb / 72P
   2M x 32 Synchronous DRAM (SDRAM)
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
logo
Etron Technology, Inc.
EM639325TS-5IG ETRON-EM639325TS-5IG Datasheet
409Kb / 47P
   4M x 32 bit Synchronous DRAM (SDRAM)
logo
Samsung semiconductor
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com