Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT5640L32-10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GLT5640L32-10
Description  CMOS Synchronous DRAM 2M x 32 SDRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT5640L32-10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GLT5640L32-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 13Page - List of Unclassifed Manufacturers GLT5640L32-10 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Dec
2003
Rev.0.3
G-Link Technology Corp.
10
G-LINK
ADVANCED
GLT5640L32
CMOS Synchronous DRAM
DEVICE OPERATING OPTION TABLE
200MHz
(5.0ns)
GLT5640L32-5
3 CLKs
CAS Latency
3CLKs
tRCD
8CLKs
tRAS
11CLKs
tRC
3CLKs
tRP
4.5 ns
tAC
1.5 ns
tOH
183MHz
(5.5ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.0 ns
2.0 ns
166MHz
(6.0ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5 ns
2.0 ns
183MHz
(5.5ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.0 ns
2.0 ns
166MHz
(6.0ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5 ns
2.0 ns
143MHz
(7.0ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5 ns
2.0 ns
166MHz
(6.0ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5 ns
2.0 ns
143MHz
(7.0ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5 ns
2.0 ns
125MHz
(8.0ns)
3 CLKs
3CLKs
6CLKs
9 CLKs
3CLKs
6.0 ns
2.5 ns
143MHz
(7.0ns)
3 CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5 ns
2.0 ns
125MHz
(8.0ns)
3 CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6.0 ns
2.5 ns
100MHz
(10.0ns)
2 CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6.0 ns
2.5 ns
125MHz
(8.0ns)
3 CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6.0 ns
2.5 ns
100MHz
(10.0ns)
2 CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6.0 ns
2.5 ns
83MHz
(12.0ns)
2 CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6.0 ns
2.5 ns
100MHz
(10.0ns)
3 CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6.0 ns
2.5 ns
83MHz
(12.0ns)
2 CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6.0 ns
2.5 ns
2 CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6.0 ns
2.5 ns
GLT5640L32-5.5
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
GLT5640L32-6
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
GLT5640L32-7
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
GLT5640L32-8
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
GLT5640L32-10
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
66MHz
(15.0ns)


Similar Part No. - GLT5640L32-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-10TC ETC-GLT5640AL16-10TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-5.5TC ETC-GLT5640AL16-5.5TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-6TC ETC-GLT5640AL16-6TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-7TC ETC-GLT5640AL16-7TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
More results

Similar Description - GLT5640L32-10

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM638325 ETRON-EM638325 Datasheet
762Kb / 72P
   2M x 32 Synchronous DRAM (SDRAM)
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
logo
Etron Technology, Inc.
EM639325TS-5IG ETRON-EM639325TS-5IG Datasheet
409Kb / 47P
   4M x 32 bit Synchronous DRAM (SDRAM)
logo
Samsung semiconductor
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com