Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT5160L16I-8FJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GLT5160L16I-8FJ
Description  16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT5160L16I-8FJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GLT5160L16I-8FJ Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT5160L16I-8FJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
GLT5160L16
ADVANCED
16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
FEATURES
u Single 3.3 V ±0.3 V power supply
u Clock frequency 100 MHz / 125 MHz / 143 MHz/
166 MHz
u Fully synchronous operation referenced to clock rising edge
u Dual bank operation controlled by BA (Bank Address)
u CAS latency- 2 / 3 (programmable)
u Burst length- 1 / 2 / 4 / 8 & Full Page (programmable)
u Burst type- sequential / interleave (programmable)
u Industrial grade available
u Byte control by DQMU and DQML
u Column access - random
u Auto precharge / All bank precharge controlled by A[10]
u Auto refresh and Self refresh
u 4096 refresh cycles / 64 ms
u LVTTL Interface
u 400-mil, 50-Pin Thin Small Outline Package (TSOP II) with
0.8 mm lead pitch
u 60-Ball, 6.4mmx10.1mm VFBGA package with 0.65mm Ball
pitch & 0.35mm Ball diameter.
GENERAL DESCRIPTION
The GLT5160L16 is a 2-bank x 524288-word x 16-bit Synchro-
nous DRAM, with LVTTL interface. All inputs and outputs are
referenced to the rising edge of CLK. The GLT5160L16 achieves
very high speed data rate up to 166 MHz, and is suitable for main
memory or graphic memory in computer systems.
DEC. 2003 (Rev.2.4)


Similar Part No. - GLT5160L16I-8FJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5640AL16 ETC-GLT5640AL16 Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-10TC ETC-GLT5640AL16-10TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-5.5TC ETC-GLT5640AL16-5.5TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-6TC ETC-GLT5640AL16-6TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
GLT5640AL16-7TC ETC-GLT5640AL16-7TC Datasheet
2Mb / 72P
   4M X 16 CMOS Synchronous Dynamic RAM
More results

Similar Description - GLT5160L16I-8FJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V16G50DFP-8 MITSUBISHI-M5M4V16G50DFP-8 Datasheet
167Kb / 33P
   16M (2-BANK x 262144-WORD x 32-BIT) Synchronous Graphics RAM
logo
Etron Technology, Inc.
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
OKI electronic componet...
MSM56V16160D OKI-MSM56V16160D Datasheet
341Kb / 30P
   2-Bank x 524,288-Word x 16-Bit SYNCHRONOUS DYNAMIC RAM
MSM56V16160F OKI-MSM56V16160F Datasheet
2Mb / 31P
   2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
logo
Mitsubishi Electric Sem...
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com