Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT40T301 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # GT40T301
Description  Insulated Gate Bipolar Transistor Silicon N Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT40T301 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  GT40T301 Datasheet HTML 1Page - Toshiba Semiconductor GT40T301 Datasheet HTML 2Page - Toshiba Semiconductor GT40T301 Datasheet HTML 3Page - Toshiba Semiconductor GT40T301 Datasheet HTML 4Page - Toshiba Semiconductor GT40T301 Datasheet HTML 5Page - Toshiba Semiconductor GT40T301 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GT40T301
2002-01-18
1
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40T301
Parallel Resonance Inverter Switching Applications
• FRD included between emitter and collector
• Enhancement-mode
• High speed IGBT : tf = 0.25 µs (typ.) (IC = 40 A)
FRD : trr = 0.7 µs (typ.) (di/dt = −20 A/µs)
• Low saturation voltage: VCE (sat) = 3.7 V (typ.) (IC = 40 A)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
1500
V
Gate-emitter voltage
VGES
±25
V
DC
IC
40
Collector current
1 ms
ICP
80
A
DC
IECF
30
Emitter-collector forward
current
1 ms
IECPF
80
A
Collector power dissipation (Tc
=
25°C)
PC
200
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Equivalent Circuit
Unit: mm
JEDEC
JEITA
TOSHIBA
2-21F2C
Weight: 9.75 g (typ.)
Collector
Gate
Emitter


Similar Part No. - GT40T301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT40T301 TOSHIBA-GT40T301 Datasheet
166Kb / 6P
   Silicon N Channel IGBT Parallel Resonance Inverter Switching Applications
GT40T301 TOSHIBA-GT40T301 Datasheet
835Kb / 16P
   Discrete IGBTs
GT40T301 TOSHIBA-GT40T301_06 Datasheet
166Kb / 6P
   Silicon N Channel IGBT Parallel Resonance Inverter Switching Applications
More results

Similar Description - GT40T301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J324 TOSHIBA-GT30J324 Datasheet
166Kb / 7P
   Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40T302 TOSHIBA-GT40T302 Datasheet
173Kb / 6P
   Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60N321 TOSHIBA-GT60N321 Datasheet
173Kb / 6P
   Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M303 TOSHIBA-GT60M303 Datasheet
426Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT8G132 TOSHIBA-GT8G132 Datasheet
338Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M323 TOSHIBA-GT60M323 Datasheet
193Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT15Q311 TOSHIBA-GT15Q311 Datasheet
172Kb / 7P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40G121 TOSHIBA-GT40G121 Datasheet
151Kb / 5P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT80J101B TOSHIBA-GT80J101B Datasheet
69Kb / 6P
   TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT50G321 TOSHIBA-GT50G321 Datasheet
287Kb / 6P
   TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com