Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F3687G Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD64F3687G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
Download  504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3687G Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD64F3687G Datasheet HTML 2Page - Renesas Technology Corp HD64F3687G Datasheet HTML 3Page - Renesas Technology Corp HD64F3687G Datasheet HTML 4Page - Renesas Technology Corp HD64F3687G Datasheet HTML 5Page - Renesas Technology Corp HD64F3687G Datasheet HTML 6Page - Renesas Technology Corp HD64F3687G Datasheet HTML 7Page - Renesas Technology Corp HD64F3687G Datasheet HTML 8Page - Renesas Technology Corp HD64F3687G Datasheet HTML 9Page - Renesas Technology Corp HD64F3687G Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 504 page
background image
Rev. 3.00, 05/03, page vi of xxx
Preface
The H8/3687 Group are single-chip microcomputers made up of the high-speed H8/300H CPU
employing Renesas Technology original architecture as their cores, and the peripheral functions
required to configure a system. The H8/300H CPU has an instruction set that is compatible with
the H8/300 CPU.
Target Users:
This manual was written for users who will be using the H8/3687 Group in the
design of application systems. Target users are expected to understand the
fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8/3687 Group to the target users.
Refer to the H8/300H Series Programming Manual for a detailed description of the
instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8/300H Series Programming Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 22,
List of Registers.
Example:
Register name:
The following notation is used for cases when the same or a
similar function, e.g. serial communication interface, is
implemented on more than one channel:
XXX_N (XXX is the register name and N is the channel
number)
Bit order:
The MSB is on the left and the LSB is on the right.
Notes:
When using an on-chip emulator (E10T) for H8/3687 program development and debugging, the
following restrictions must be noted.
1. The
NMI pin is reserved for the E10T, and cannot be used.


Similar Part No. - HD64F3687G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3687G RENESAS-HD64F3687G Datasheet
3Mb / 536P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
HD64F3687G RENESAS-HD64F3687G Datasheet
2Mb / 538P
   Old Company Name in Catalogs and Other Documents
HD64F3687GFPV RENESAS-HD64F3687GFPV Datasheet
2Mb / 538P
   Old Company Name in Catalogs and Other Documents
HD64F3687GHV RENESAS-HD64F3687GHV Datasheet
3Mb / 566P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD64F3687G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836057 RENESAS-H836057 Datasheet
3Mb / 592P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83687 RENESAS-H83687 Datasheet
3Mb / 536P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
HD64F3687HV RENESAS-HD64F3687HV Datasheet
2Mb / 538P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836109 RENESAS-H836109 Datasheet
4Mb / 622P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H838099 RENESAS-H838099 Datasheet
4Mb / 736P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H83672 RENESAS-H83672 Datasheet
2Mb / 332P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836024 RENESAS-H836024 Datasheet
2Mb / 384P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H836064 RENESAS-H836064 Datasheet
2Mb / 478P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com