Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA118144AF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HA118144AF
Description  Video Camera CDS/AGC IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA118144AF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HA118144AF Datasheet HTML 1Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 2Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 3Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 4Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 5Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 6Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 7Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 8Page - List of Unclassifed Manufacturers HA118144AF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Functions
Stan-
Pin
Pin
dard DC Signal Signal
No.
Name
Signal
Voltage Type
Level
Impedance Function Description
1
NC
2
KNP
Knee pulse
Pulse
5VPP
30 k
Knee pulse input (unused).
Fix at the low level.
3
GND4
GND for IIL
0 V
GND = 0 V
interface
4
NC
5
CP
Clamp pulse
CP
5VPP
Base
Clamp pulse input (unused).
pulse
Fix at the low level.
6
NC
7
VCLM
Clamp input
DC
Base
Clamp input (unused).
Fix at the low level.
8
CLM
Clamp output
DC
Emitter
Clamp output (unused).
Leave open.
9
SO2
Signal output 2
5.4 V
Video
1.5VPP
Emitter
Signal output 2
signal
10
SO1
Signal output 1
3.3 V
Video
1.5VPP
Emitter
Signal output 1
signal
11
GND9
GND for 9 V
0 V
GND = 0 V
12
NC
13
NC
14
VCC9
VCC for 9 V
9 V
Power supply +9 V
15
SPRE
Signal preview
1.3 V
Video
385 mVPP Emitter
Signal preview.
signal
For use as an output monitor.
16
NC
17
GND3
GND for IIL
0 V
GND = 0 V
18
NC
19
OSC
Oscillator
1.7 V
DC
5 k
Oscillator correction pin for the
correction
AGC DAC bias circuit.
Connect to GND through a
0.1 µF capacitor.
20
VCC3
VCC for IIL
5 V
Power supply +5 V
interface
21
BLK
Blanking pulse
BLK
5VPP
Base
Blanking pulse input. The
signal
output is clipped at the BLK
level when a low level is input.
22
OBP
Optical black
OBP
5VPP
40 k
Optical black pulse input.
pulse
signal
The feedback clamp operates
when a high level is input.
3
HA118144AF
HA118144AF


Similar Part No. - HA118144AF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA118104 HITACHI-HA118104 Datasheet
686Kb / 9P
   3-circuit Video Switch
HA118104FP HITACHI-HA118104FP Datasheet
686Kb / 9P
   3-circuit Video Switch
More results

Similar Description - HA118144AF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3916 PANASONIC-AN3916 Datasheet
128Kb / 2P
   VIDEO AGC IC
AN2130 PANASONIC-AN2130 Datasheet
641Kb / 7P
   Video Camera Gamma Correction and AGC Circuits
logo
Sony Corporation
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Panasonic Semiconductor
AN3860SA PANASONIC-AN3860SA Datasheet
155Kb / 6P
   Cylinder Motor Driver IC for Video Camera
logo
Hitachi Semiconductor
HD49323AF HITACHI-HD49323AF Datasheet
104Kb / 27P
   CDS/AGC & 10-bit A/D Converter
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com