Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2840 Datasheet(PDF) 4 Page - Harris Corporation

Part # HA-2840
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA-2840 Datasheet(HTML) 4 Page - Harris Corporation

  HA-2840 Datasheet HTML 1Page - Harris Corporation HA-2840 Datasheet HTML 2Page - Harris Corporation HA-2840 Datasheet HTML 3Page - Harris Corporation HA-2840 Datasheet HTML 4Page - Harris Corporation HA-2840 Datasheet HTML 5Page - Harris Corporation HA-2840 Datasheet HTML 6Page - Harris Corporation HA-2840 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SETTLING TIME TEST CIRCUIT
Test Circuits and Waveforms (Continued)
+
V-
0.001
µF
0.001
µF
1
µF
1
µF
2k
5k
V+
INPUT
500
SETTLING
POINT
200
OUTPUT
PROBE
MONITOR
-
NOTES:
12. AV = -10.
13. Load Capacitance should be less than 10pF.
14. It is recommended that resistors be carbon composition
and that feedback and summing network ratios be
matched to 0.1%.
15. SETTLING POINT (Summing Node) capacitance should
be less than 10pF. For optimum settling time results, it is
recommended that the test circuit be constructed directly
onto the device pins. A Tektronix 568 Sampling
Oscilloscope with S-3A sampling heads is recommend-
ed as a settle point monitor.
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS GAINS
FIGURE 2. GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGE
FIGURE 3. GAIN BANDWIDTH PRODUCT vs TEMPERATURE
FIGURE 4. CMRR vs FREQUENCY
100
80
60
40
20
0
0
90
180
1K
10K
100K
1M
10M
FREQUENCY (Hz)
OPEN LOOP
AVCL = 1000
AVCL = 100
AVCL = 10
OPEN LOOP
100M
650
600
550
500
5
6
7
8
9
10
111213
14
15
SUPPLY VOLTAGE (
±V)
750
650
550
450
350
250
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
100
10K
100K
1M
10M
FREQUENCY (Hz)
1K
90
80
70
60
50
40
30
20
HA-2840


Similar Part No. - HA-2840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840 INTERSIL-HA-2840 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2840/883 INTERSIL-HA-2840/883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840883 INTERSIL-HA-2840883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
More results

Similar Description - HA-2840

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com