Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS469 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74LS469
Description  8-Bit Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS469 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74LS469 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 6Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 7Page - Fairchild Semiconductor DM74LS469 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DM74LS469
8-Bit Up/Down Counter
General Description
The ’LS469 is an 8-bit synchronous up/down counter with
parallel load and hold capability. Three function-select inputs
(LD, UD, CBI) provide one of four operations which occur
synchronously on the rising edge of the clock (CK).
The LOAD operation loads the inputs (D
7–D0) into the output
register (Q
7–Q0). The HOLD operation holds the previous
value regardless of clock transitions. The INCREMENT op-
eration adds one to the output register when the carry-in in-
put is TRUE (CBI =LOW), otherwise the operation is a
HOLD. The carry-out (CBO) is TRUE (CBO =LOW) when
the output register (Q
7–Q0) is all HIGHs, otherwise FALSE
(CBO =HIGH). The DECREMENT operation subtracts one
from the output register when the borrow-in input is TRUE
(CBI =LOW), otherwise the operation is a HOLD. The
borrow-out (CBO) is TRUE (CBO =LOW) when the output
register (Q
7–Q0)
is all LOWs, otherwise FALSE (CBO
=HIGH).
The output register (Q
7–Q0) is enabled when OE is LOW,
and disabled (HI-Z) when OE is HIGH. The output drivers will
sink the 24 mA required for many bus-interface standards.
Two or more ’LS469 octal up/down counters may be cas-
caded to provide larger counters.
Features/Benefits
n
8-bit up/down counter for microprogram-counter, DMA
controller and general-purpose counting applications
n
8 bits matches byte boundaries
n
Bus-structured pinout
n
24-pin SKINNYDIP saves space
n
3-STATE outputs drive bus lines
n
Low current PNP inputs reduce loading
n
Expandable in 8-bit increments
Connection Diagram
Standard Test Load
Top View
DS008333-1
Order Number DM54LS469J,
DM74LS469J or DM74LS469N
See Package Number J24F or N24C
DS008333-3
April 1998
© 1998 Fairchild Semiconductor Corporation
DS008333
www.fairchildsemi.com


Similar Part No. - DM74LS469

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS469J NSC-DM74LS469J Datasheet
124Kb / 4P
   DM54LS469/DM74LS469 8-Bit Up/Down Counter
DM74LS469N NSC-DM74LS469N Datasheet
124Kb / 4P
   DM54LS469/DM74LS469 8-Bit Up/Down Counter
More results

Similar Description - DM74LS469

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS469 NSC-DM54LS469 Datasheet
124Kb / 4P
   DM54LS469/DM74LS469 8-Bit Up/Down Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NEC
UPD4704 NEC-UPD4704 Datasheet
191Kb / 16P
   EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
   4-Bit Binary Up/Down Counter
logo
ON Semiconductor
SN54-74LS669 ONSEMI-SN54-74LS669 Datasheet
74Kb / 4P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
SN74LS669 ONSEMI-SN74LS669 Datasheet
132Kb / 4P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
July, 2006 ??Rev. 6
logo
NXP Semiconductors
HEF40192B PHILIPS-HEF40192B Datasheet
129Kb / 9P
   4-bit up/down decade counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com