Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD253-1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD253-1G
Description  Complementary Silicon Plastic Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD253-1G Datasheet(HTML) 5 Page - ON Semiconductor

  MJD253-1G Datasheet HTML 1Page - ON Semiconductor MJD253-1G Datasheet HTML 2Page - ON Semiconductor MJD253-1G Datasheet HTML 3Page - ON Semiconductor MJD253-1G Datasheet HTML 4Page - ON Semiconductor MJD253-1G Datasheet HTML 5Page - ON Semiconductor MJD253-1G Datasheet HTML 6Page - ON Semiconductor MJD253-1G Datasheet HTML 7Page - ON Semiconductor MJD253-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
www.onsemi.com
5
Figure 7. Switching Time Test Circuit
+11 V
25
ms
0
-9.0 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
FOR PNP TEST CIRCUIT, REVERSE ALL POLARITIES
1K
IC, COLLECTOR CURRENT (AMPS)
VCC = 30 V
IC/IB = 10
TJ = 25°C
500
300
200
100
50
td
30
20
10
5
1
0.01
0.03 0.05
0.5
0.2
0.1
0.3
10
Figure 8. Turn−On Time
3
2
5
2
13
tr
NPN MJD243
PNP MJD253
0.02
10K
IC, COLLECTOR CURRENT (AMPS)
10
5K
3K
2K
1K
500
300
200
100
50
Figure 9. Turn−Off Time
30
20
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
5
2
13
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
VR, REVERSE VOLTAGE (VOLTS)
10
100
100
200
50
Figure 10. Capacitance
70
50
20
10
7.0
5.0
3.0
1.0
2.0
TJ = 25°C
Cib
Cob
MJD243 (NPN)
MJD253 (PNP)
30
NPN MJD243
PNP MJD253
20
70
30
200
VR, REVERSE VOLTAGE (VOLTS)
10
100
70
100
30
Figure 11. Capacitance
50
20
50
7
5
2
130
3
TJ = 25°C
Cib
Cob
20
10
70


Similar Part No. - MJD253-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD253-1G ONSEMI-MJD253-1G Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
More results

Similar Description - MJD253-1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com