Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1-16PA-2.54DSA Datasheet(PDF) 1 Page - Hirose Electric

Part # A1-16PA-2.54DSA
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A1-16PA-2.54DSA Datasheet(HTML) 1 Page - Hirose Electric

  A1-16PA-2.54DSA Datasheet HTML 1Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 2Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 3Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 4Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 5Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 6Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 7Page - Hirose Electric A1-16PA-2.54DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C2
2.54mm Pitch High Density Connector
A1 and A2 Series
■Features
1. High Density Mounting
Connectors are aligned in the longitudinal direction on the
2.54 mm mesh board, so that no idle space can occur.
2. Variation in Number of Contacts
The A1 series contains 16 types of 6 to 64 contacts, while
the A2 series contains 20 types of 1 to 20 contacts,
3. Compatibility
The A1 series is compatible with HIF3B series cable side
and HIF3H receptacle for wide applications.
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a
specific part number shown.
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
15m ohms max.
0.1A
4. Vibration
No electrical discontinuity of 1μs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.Humidity (Steady state)
Insulation resistance 1000M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
No damage, cracks, or parts looseness.
(-65ç: 30 minutes
➝15 to 35ç: 5 minutes max.➝
125ç: 30 minutes
➝ 15 to 35ç: 5 minutes max.) 5 cycles
7. Operating Life
Contact resistance: 15m ohms max.
500 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance.
Solder bath: 260ç for 10 seconds
Manual soldering: 350ç for 3 seconds
■Applications
Computers, VTR, and other various kinds of electronic equipment
■Product Specifications
Current rating: 3A
Voltage rating: 200V AC
Operating Temperature Range:
-55 to +85
ç (Note 1)
Operating Moisture Range:
40 to 80%
Storage Temperature Range: -10 to +60
ç (Note 2)
Storage Humidity Range:
40 to 70% (Note 2)
Rating
■Material
Part
Material
Finish
Remarks
Insulator
PBT
Black
UL94V-0
Pin header
Contact
Brass
Contact area : gold plated
–––––––
DIP area
: tin plated
Crimping socket
Polyamid
Black
UL94V-0
Crimping contact
Phosphor bronze
Contact area
: gold plated
–––––––
Termination area : nickel plated
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A1-16PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-16PA-2.54DSA HIROSE-A1-16PA-2.54DSA Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
More results

Similar Description - A1-16PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com