Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSBC124EPDXV6 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSBC124EPDXV6
Description  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC124EPDXV6 Datasheet(HTML) 3 Page - ON Semiconductor

  NSBC124EPDXV6 Datasheet HTML 1Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 2Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 3Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 4Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 5Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 6Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 7Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 8Page - ON Semiconductor NSBC124EPDXV6 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MUN5312DW1, NSBC124EPDXV6, NSBC124EPDP6
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA =25°C both polarities Q1 (PNP) & Q2 (NPN), unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB =50V, IE =0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCE =50V, IB =0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC =0)
IEBO
0.2
mAdc
Collector-Base Breakdown Voltage
(IC =10 mA, IE =0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 6)
(IC = 2.0 mA, IB =0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 6)
(IC = 5.0 mA, VCE =10V)
hFE
60
100
Collector-Emitter Saturation Voltage (Note 6)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
V
Input Voltage (Off)
(VCE = 5.0 V, IC = 100 mA) (NPN)
(VCE = 5.0 V, IC = 100 mA) (PNP)
Vi(off)
1.2
1.2
Vdc
Input Voltage (On)
(VCE = 0.2 V, IC = 5.0 mA) (NPN)
(VCE = 0.2 V, IC = 5.0 mA) (PNP)
Vi(on)
1.9
2.0
Vdc
Output Voltage (On)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (Off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
15.4
22
28.6
k
W
Resistor Ratio
R1/R2
0.8
1.0
1.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Pulsed Condition: Pulse Width = 300 ms, Duty Cycle
≤ 2%.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2)
(1) SOT−363; 1.0
× 1.0 Inch Pad
(2) SOT−563; Minimum Pad
(3) SOT−963; 100 mm2, 1 oz. Copper Trace
350
400
(3)


Similar Part No. - NSBC124EPDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC124EPDXV6 ONSEMI-NSBC124EPDXV6 Datasheet
168Kb / 10P
   Complementary Bias Resistor Transistors R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 0
NSBC124EPDXV6T1G ONSEMI-NSBC124EPDXV6T1G Datasheet
168Kb / 10P
   Complementary Bias Resistor Transistors R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 0
NSBC124EPDXV6T1G ONSEMI-NSBC124EPDXV6T1G Datasheet
181Kb / 15P
   Dual Bias Resistor Transistors
January, 2012 ??Rev. 7
NSBC124EPDXV6T5G ONSEMI-NSBC124EPDXV6T5G Datasheet
168Kb / 10P
   Complementary Bias Resistor Transistors R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 0
More results

Similar Description - NSBC124EPDXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com