Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2135LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMUN2135LT1G
Description  Digital Transistors (BRT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMUN2135LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMUN2135LT1G Datasheet HTML 1Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 2Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 3Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 4Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 5Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 6Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 7Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 8Page - ON Semiconductor MMUN2135LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2016 − Rev. 4
1
Publication Order Number:
DTA123J/D
MUN2135, MMUN2135L,
MUN5135, DTA123JE,
DTA123JM3, NSBA123JF3
Digital Transistors (BRT)
R1 = 2.2 kW, R2 = 47 kW
PNP Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a
base−emitter resistor. The BRT eliminates these individual
components by integrating them into a single device. The use of a BRT
can reduce both system cost and board space.
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
12
Vdc
Input Reverse Voltage
VIN(rev)
5
Vdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
See detailed ordering, marking, and shipping information in
the package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
PIN CONNECTIONS
SC−75
CASE 463
STYLE 1
MARKING DIAGRAMS
XXX
= Specific Device Code
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending up-
on manufacturing location.
SC−59
CASE 318D
STYLE 1
SOT−23
CASE 318
STYLE 6
SC−70/SOT−323
CASE 419
STYLE 3
SOT−723
CASE 631AA
STYLE 1
SOT−1123
CASE 524AA
STYLE 1
XX MG
G
1
1
XXX MG
G
XX MG
G
1
XX M
1
X M
XX M
1
1


Similar Part No. - MMUN2135LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2135LT1G ONSEMI-MMUN2135LT1G Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
More results

Similar Description - MMUN2135LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2233 ONSEMI-MUN2233_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2232 ONSEMI-MUN2232_16 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
MUN2230 ONSEMI-MUN2230_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com