Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVF3007SG3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSVF3007SG3
Description  RF Transistor for Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVF3007SG3 Datasheet(HTML) 2 Page - ON Semiconductor

  NSVF3007SG3 Datasheet HTML 1Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 2Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 3Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 4Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 5Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 6Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 7Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 8Page - ON Semiconductor NSVF3007SG3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NSVF3007SG3
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS at Ta
 25C (Note 2)
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB = 5 V, IE = 0 A
1.0
A
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0 A
1.0
A
DC Current Gain
hFE
VCE = 5 V, IC = 5 mA
60
150
Gain-Bandwidth Product
fT
VCE = 5 V, IC = 10 mA
6
8
GHz
Forward Transfer Gain
| S21e |
2
VCE = 5 V, IC = 10 mA, f = 1 GHz
9
12
dB
Noise Figure
NF
VCE = 5 V, IC = 10 mA, f = 1 GHz
1.2
1.8
dB
Note 2 : Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Note 3 : Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector Current, IC -- mA
f T -- IC
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
0
0.2
0.4
0.6
0.8
1.0
012
10
8
46
2
0
10
30
20
5
15
25
0
10
25
20
15
5
30
IB=0μA
50
μA
2
3
5
7
2
3
5
7
100
10
1000
3
25
7
0.1
3
25
7
1.0
10
3
25
7 100
VCE=5V
VCE=5V
2
7
5
3
2
7
5
3
0.1
10
1.0
3
25
100
0.1
73
25
7
1.0
3
25 7 10
f=1MHz
7
2
3
5
7
2
3
5
100
10
1.0
1.0
23
5
7
10
23
5
7
100
VCE=5V
f=1GHz
2
5
7
3
1.0
0.1
3
25
100
0.1
73
25
7
10
3
25
7
1.0
f=1MHz
100
μA
150
μA
200μA
250μA
300μA
350μA
400μA
450
μA


Similar Part No. - NSVF3007SG3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVF3007SG3 ONSEMI-NSVF3007SG3 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
NSVF3007SG3T1G ONSEMI-NSVF3007SG3T1G Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
More results

Similar Description - NSVF3007SG3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVF4020SG4 ONSEMI-NSVF4020SG4 Datasheet
690Kb / 10P
   RF Transistor for Low Noise Amplifier
June 2016 - Rev. P1
NSVF5488SK ONSEMI-NSVF5488SK Datasheet
179Kb / 7P
   RF Transistor for Low Noise Amplifier
February, 2019 ??Rev. 0
NSVF5501SK ONSEMI-NSVF5501SK Datasheet
139Kb / 10P
   RF Transistor for Low Noise Amplifier
July, 2018 ??Rev. 0
NSVF4015SG4 ONSEMI-NSVF4015SG4 Datasheet
222Kb / 12P
   RF Transistor for Low Noise Amplifier
March, 2018 ??Rev. 0
NSVF4017SG4 ONSEMI-NSVF4017SG4 Datasheet
843Kb / 12P
   RF Transistor for Low Noise Amplifier
March, 2018 ??Rev. 0
NSVF4009SG4 ONSEMI-NSVF4009SG4 Datasheet
724Kb / 14P
   RF Transistor for Low Noise Amplifier
September 2016 - Rev. 0
NSVF5490SK ONSEMI-NSVF5490SK Datasheet
183Kb / 7P
   RF Transistor for Low Noise Amplifier
February, 2019 ??Rev. 0
logo
Siemens Semiconductor G...
2N6620 SIEMENS-2N6620 Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW NOISE RF BROADBAND AMPLIFIER
logo
Panasonic Semiconductor
MSG43001 PANASONIC-MSG43001 Datasheet
94Kb / 4P
   SiGe HBT type For low-noise RF amplifier
MSG33001 PANASONIC-MSG33001 Datasheet
95Kb / 4P
   SiGe HBT type For low-noise RF amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com