Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR9203PG-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9203PG-XX-AF5-R
Description  LOW POWER CONSUMPTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9203PG-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9203PG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR9203PG-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LR9203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R102-082.a
MARKING
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
See Voltage Chart
PIN CONFIGURATION
12
3
54
VIN
VSS
CE
VOUT
NC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Input Pin
2
VSS
Ground Pin
3
CE
Chip Enable Pin (“H” Enable, “L” or NC Disable)
4
NC
No Connection
5
VOUT
Output Pin


Similar Part No. - LR9203PG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9203PG-12-AF5-R UTC-LR9203PG-12-AF5-R Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
LR9203PG-13-AF5-R UTC-LR9203PG-13-AF5-R Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
LR9203PG-14-AF5-R UTC-LR9203PG-14-AF5-R Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
LR9203PG-15-AF5-R UTC-LR9203PG-15-AF5-R Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
LR9203PG-16-AF5-R UTC-LR9203PG-16-AF5-R Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
More results

Similar Description - LR9203PG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com