Electronic Components Datasheet Search |
|
A4B-11PA-2DS(71) Datasheet(PDF) 11 Page - Hirose Electric |
|
A4B-11PA-2DS(71) Datasheet(HTML) 11 Page - Hirose Electric |
11 / 16 page C20 A3 • A4 Series ●2mm Pitch Miniature Connector Part Number A3B-2630SCFC A3B-2630SCC A3B-3236SCFC 621-0301-7 621-0302-0 621-0303-2 AWG#26 to #30 AWG#26 to #30 AWG#32 to #36 Reel Bag Reel 10000 100 10000 YES Automatic crimper CM-105-AP 105-A3B-2630 A3B-TA2630HC Automatic crimper CM-105-AP 105-A3B-3236 CL No. Applicable Cable Type Quantity RoHS Crimping Tool Type Manual Automatic AWG#26 to #30 --------------- AWG#26 to #30 AWG#32 to #36 Applicable Cable A3B-2630SCC --------------- A3B-2630SCFC A3B-3236SCFC Applicable Contact 550-0200-7 901-0005-4 901-4016-2 901-4017-5 CL No. A3B-TA2630HC CM-105 AP105-A3B-2630S AP105-A3B-3236S Part Number Manual crimping tool Automatic crimping machine Applicator Item Power supply Gross weight Machining range Remarks 100V AC, single phase 200W 75kg 2000 to 4000 contacts/hour Crimping of various contacts by replacing the applicator Specification ■Crimping Contact BCrimping Tool Manual crimping tool A3B-TA2630HC Automatic crimping machine CM-105 SCC contact SCFC contact Specification (CM-105 type) Features This tool is a new model to meet many user needs, and finely designed to enhance operativity and expand the application range for setup adjustment and various applicator installations. The easy to handle semi-automatic crimping machine can be used for crimping connection of various strip contacts. Note 1. The plating specification is shown as follows: (Contact area) : Gold plating (Others): Nickel plating Note 2. "30" is stamped on A3B-2630SCFC(SCC), and "36" is stamped on A3B-3236SCFC(SCC). The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - A4B-11PA-2DS(71) |
|
Similar Description - A4B-11PA-2DS(71) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |