Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA30TA60C Datasheet(PDF) 5 Page - International Rectifier

Part # HFA30TA60C
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA30TA60C Datasheet(HTML) 5 Page - International Rectifier

  HFA30TA60C Datasheet HTML 1Page - International Rectifier HFA30TA60C Datasheet HTML 2Page - International Rectifier HFA30TA60C Datasheet HTML 3Page - International Rectifier HFA30TA60C Datasheet HTML 4Page - International Rectifier HFA30TA60C Datasheet HTML 5Page - International Rectifier HFA30TA60C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HFA30TA60C
Bulletin PD -2.335 rev. A 11/00
5
4. Qrr - Area under curve defined by trr
and IRRM
trr X IRRM
Qrr =
2
5. di(rec)M/dt - Peak rate of change of
current during tb portion of trr
V(AVAL)
R(RATED)
I L(PK)
V
DECAY
TIME
Fig. 11 - Avalanche Test Circuit and Waveforms
Fig. 10 - Reverse Recovery Waveform and
Definitions
Fig. 9 - Reverse Recovery Parameter Test
Circuit
ta
tb
trr
Qrr
IF
I RRM
I RRM
0.5
di(rec)M/dt
0.75 IRRM
5
4
3
2
0
1
di /dt
f
1. dif/dt - Rate of change of current
through zero crossing
2. IRRM - Peak reverse recovery current
3. trr - Reverse recovery time measured
from zero crossing point of negative
going IF to point where a line passing
through 0.75 IRRM and 0.50 IRRM
extrapolated to zero current
REVERSE RECOVERY CIRCUIT
IRFP250
D.U.T.
L = 70µH
V
= 200V
R
0.01
G
D
S
dif/dt
ADJUST
CURRENT
MONITOR
HIGH-SPEED
SWITCH
DUT
Rg = 25 ohm
+
FREE-WHEEL
DIODE
Vd = 50V
L = 100µH


Similar Part No. - HFA30TA60C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA30TA60C VISHAY-HFA30TA60C Datasheet
205Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 29-Jul-08
logo
International Rectifier
HFA30TA60CPBF IRF-HFA30TA60CPBF Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA30TA60CPBF VISHAY-HFA30TA60CPBF Datasheet
207Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 25-Jul-08
logo
International Rectifier
HFA30TA60CS IRF-HFA30TA60CS Datasheet
165Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA30TA60CS VISHAY-HFA30TA60CS Datasheet
180Kb / 6P
   Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Oct-08
More results

Similar Description - HFA30TA60C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com