Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF6-5P-3.96C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF6-5P-3.96C
Description  3.96mm Pitch Connector Directly Mounted on Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF6-5P-3.96C Datasheet(HTML) 4 Page - Hirose Electric

  DF6-5P-3.96C Datasheet HTML 1Page - Hirose Electric DF6-5P-3.96C Datasheet HTML 2Page - Hirose Electric DF6-5P-3.96C Datasheet HTML 3Page - Hirose Electric DF6-5P-3.96C Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B132
DF6 Series
3.96mm Pitch Connector Directly Mounted on Board
BPrecautions
1.Recommended soldering
condition
2.Cleaning condition
3.Connecting condition
4.Precations
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
■After soldering, if a load is given to the cable where connector and cable contain heat, the jacket holding
member will be loosened. After soldering, the operation should be performed, after connector returns to room
temperature.
Refer to the "Nylon Connector Use Hand book".
Don't use solvent to degrade the cable jacket like trichloroethane.
In addition, avoid heat cleaning with solvent.
Refer to the "Nylon Connector Use Hand book".
Slight discoloration on the insulating materials will not affect form, fit or function of the connectors.
Refer to "Nylon Connector Use Handbook"
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF6-5P-3.96C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6-5P-3.96C HIROSE-DF6-5P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF6-5P-3.96C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
   2.54mm Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com