Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22 Datasheet(PDF) 10 Page - Hirose Electric

Part # DF22
Description  7.92mm Contact Pitch High-Current Connectors for Internal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22 Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF22 Datasheet HTML 4Page - Hirose Electric DF22 Datasheet HTML 5Page - Hirose Electric DF22 Datasheet HTML 6Page - Hirose Electric DF22 Datasheet HTML 7Page - Hirose Electric DF22 Datasheet HTML 8Page - Hirose Electric DF22 Datasheet HTML 9Page - Hirose Electric DF22 Datasheet HTML 10Page - Hirose Electric DF22 Datasheet HTML 11Page - Hirose Electric DF22 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
Note 1 : Applicable wire with tin plated solid soft conductor.
Note 2 : When using other than the recommended wire, contact your nearest Hirose representative.
Note 3 : Strip length: 3.5 to 4.5mm
BCrimp Contact for Socket
t=0.3
2.8
3.8
4.7
P=15.5
3.8
P=16.5
2.8
4.7
t=0.4
For 14 to 16 AWG
For 10 to 12 AWG
Note 1 : Applicable wire with tin plated solid soft conductor.
Note 2 : When using other than the recommended wire, contact your nearest Hirose representative.
Note 3 : Strip length: 3.5 to 4.5mm
1.6
3.8
P=15.5
0.8
2.8
4.7
t=0.3
1416
BCrimp Contact for In-line Plug
Part No.
HRS No.
Applicable cable
Packaging
Finish
UL style
Jacket diameter
Wire size
Stranded wire conductor
DF22-1416SCF
680-1000-3
1430
Ø2.4 to 3.0mm 16 AWG, 14 AWG 26/0.254mm,41/0.26mm
2500/reel
Tin plated
DF22-1416SC
680-1001-6
Ø2.6mm
16 AWG
26/0.254mm
100/pack
DF22A-1416SCF
680-1002-9
1015
Ø3.0 to 3.8mm
16 AWG
14 AWG
26/0.254mm
41/0.26mm
2000/reel
DF22A-1416SC
680-1003-1
Ø3.2mm,Ø3.7mm
100/pack
DF22A-1012SCF
680-1089-7
Ø3.6 to 4.9mm
12 AWG
10 AWG
65/0.26mm
104/0.26mm
2000/reel
DF22A-1012SC
680-1090-6
Ø4.04mm,Ø4.69mm
100/pack
DF22-1416SCFA
680-1085-6
1430
Ø2.4 to 3.0mm
16 AWG
14 AWG
26/0.254mm
41/0.26mm
2500/reel
Gold plated
DF22A-1416SCFA
680-1087-1
1015
Ø3.0 to 3.8mm
2000/reel
DF22A-1012SCFA
680-1106-4
Ø3.6 to 4.9mm
12 AWG
10 AWG
65/0.26mm
104/0.26mm
2000/reel
Part No.
HRS No.
Applicable cable
Packaging
Finish
UL style
Jacket diameter
Wire size
Stranded wire conductor
DF22-1416PCF
680-1078-0
1430
Ø2.4 to 3.0mm 16 AWG, 14 AWG 26/0.254mm,41/0.26mm
2500/reel
Tin plated
DF22-1416PC
680-1080-2
Ø2.6mm
16 AWG
26/0.254mm
100/pack
DF22A-1416PCF
680-1079-3
1015
Ø3.0 to 3.8mm
16 AWG
14 AWG
26/0.254mm
41/0.26mm
2000/reel
DF22A-1416PC
680-1081-5
Ø3.2mm,Ø3.7mm
100/pack
DF22-1416PCFA
680-2002-4
1430
Ø2.4 to 3.0mm
2500/reel
Gold plated


Similar Part No. - DF22

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1012PC HIROSE-DF22-1012PC Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012PCF HIROSE-DF22-1012PCF Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012SC HIROSE-DF22-1012SC Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1012SCF HIROSE-DF22-1012SCF Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1416PC HIROSE-DF22-1416PC Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
   High current internal drivers
July 2009 Rev 2
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
   High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
   High Current Female Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
   High Current Male Contact
logo
Lumberg
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
   High-current contact elements
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
   High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com