Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13-14S-1.25C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF13-14S-1.25C
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-14S-1.25C Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF13-14S-1.25C Datasheet HTML 3Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 4Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 5Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 6Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 7Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 8Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 9Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 10Page - Hirose Electric DF13-14S-1.25C Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
B248
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
■Double Row Straight Pin Header (SMT)
(Four-Wall/Correspond to Vacuum Absorption)
Part No.
DF13EA-10DP-1.25V(**)
DF13EA-20DP-1.25V(**)
DF13EA-30DP-1.25V(**)
DF13EA-40DP-1.25V(**)
HRS No.
536-0570-0
536-0571-0
536-0572-0
536-0573-0
No. of Contacts
10
20
30
40
A
12.10
18.35
24.60
30.85
B
5.00
11.25
17.50
23.75
C
8.70
14.95
21.20
27.45
Spec No.
(21)
Spec No.
(51)
Emboss
Width
24
32
44
44
RoHS
Yes
Unit: mm
BPCB mounting pattern
Note 1. Shaded area must be free of any electrically
conductive traces to avoid contact with soldered
pin header terminations.
[Specific No.] (
**), **
(21) : Tin-copper plated embossed tape packaging
(51) : Gold plated embossed tape packaging
Note 1. Please order the embossed tape packaging product according to reel number. (1000pcs/reel)
Note 2. The absorption cap is attached to the embossed tape packaging product.


Similar Part No. - DF13-14S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-14S-1.25C HIROSE-DF13-14S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-14S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com