Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13-30DS-1.25C Datasheet(PDF) 10 Page - Hirose Electric

Part # DF13-30DS-1.25C
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-30DS-1.25C Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF13-30DS-1.25C Datasheet HTML 4Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 5Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 6Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 7Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 8Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 9Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 10Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 11Page - Hirose Electric DF13-30DS-1.25C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Unreeling direction
A−A
A−A
2
±0.1(A<44mm)
Product name label
Ø21±0.8
2±0.5
 0
+2
D
(D+6)MAX
Product name label
2±0.5
 0
+2
D
(D+6)MAX
Product name label
Ø21±0.8
2±0.5
 0
+2
D
(D+6)MAX
A−A
0.15(A≧44mm)
DIRECTION OF UNREELING
Direction of unreeling
5.2±0.15
0.1(A<44mm)
0.1
12±0.1
(1.4)
0.4±0.1
0.38
4±0.1
2±0.1
13±0.1
5.1
4±0.1
2±0.15(A
≧44mm)
12±0.1
0.3±0.1
4.1±0.15
(1.1)
B251
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
BEmbossed Carrier Tape Dimensions
KDF13C-*P-1.25V (**)
KDF13A-*P-1.25H (**)
KDF13EA-*DP-1.25V (**)
Product Type
Size
No. of Contacts
A
B
C
D
DF13C-
*P-1.25V (**)
DF13A-
*P-1.25H (**)
2, 3
4
to 10
11
to 14
15
16
24
32
44
–––––––
–––––––
28.4
40.4
7.5
11.5
14.2
20.2
16.4
24.4
32.4
44.4
Unit: mm
Note : The 13 contacts is not serialized.
Product Type
Size
No. of Contacts
A
B
C
D
DF13EA-
*DP-1.25V (**)
10
20
30
to 40
24
32
44
–––––––
28.4
40.4
11.5
14.2
20.2
24.4
32.4
44.4
Unit: mm


Similar Part No. - DF13-30DS-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-30DS-1.25C HIROSE-DF13-30DS-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-30DS-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com