Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3A-2P-2DSA Datasheet(PDF) 3 Page - Hirose Electric

Part # DF3A-2P-2DSA
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3A-2P-2DSA Datasheet(HTML) 3 Page - Hirose Electric

  DF3A-2P-2DSA Datasheet HTML 1Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 2Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 3Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 4Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 5Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 6Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 7Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 8Page - Hirose Electric DF3A-2P-2DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
B209
DF3 Series
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 - EP2428PCFA
q
r
e
w
q Contact Type
Blank : For socket
EP
: For in-line plug
w Applicable Wire Size
22
: 22 AWG
2428 : 24 to 28 AWG
e Contact Type/Packaging Type
SCF
: Socket contact, Reel
SC
: Socket contact, Pack
PCF
: Plug contact, Reel
PC
: Plug contact, Pack
r Plating Type
Blank
: Tin plated
A
: Gold plated (Plug contact)
C
: Gold plated (Socket contact)
●Contact
■Application pattern
DF3 -
* S - 2C
qe
wr t
q Series Name
: DF3, 3A, 3AA, 3EA
w Number of Contacts : 2~15
e Connector Type
S
: Socket
P
: Pin Header
EP
: In-line Plug
r Contact Pitch
: 2mm
t Connection Form/Contact Style
C
: Crimp socket
R26 : ID socket for 26AWG
R28 : ID socket for 28AWG
DSA : Straight through hole
DS : Right angle through hole
V
: Straight SMT
H
: Right angle SMT
A
: Adapter
●Connector
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
DF3-※S-2R##(**)
DF3(A)-※P-2DSA(**)
DF3(A)-※P-2DSA(**)
DF3(A)-※P-2DSA(**)
DF3(A)-※P-2DS(**)
DF3-※S-2DSA(**)
DF3-※S-2R##(**)
DF3-※S-2C
DF3AA-※EP-2C
DF3AA-※EP-2C
DF3EA-※P-2V(**)
DF3EA-※P-2H(**)
DF3EA-πP-2H(**)
DF3(A)-※P-2DS(**)
DF3(A)-※P-2DS(**)
DF3-※S-2C
DF3EA-πP-2H(**)
DF3EA-πP-2V(**)
DF3EA-πP-2V(**)
Panel
Panel


Similar Part No. - DF3A-2P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3A-2P-2DSA HIROSE-DF3A-2P-2DSA Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-2P-2DSA HIROSE-DF3A-2P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-2P-2DSA HIROSE-DF3A-2P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-2P-2DSA HIROSE-DF3A-2P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-2P-2DSA HIROSE-DF3A-2P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3A-2P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com