Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22-5S-7.92C(28) Datasheet(PDF) 8 Page - Hirose Electric

Part # DF22-5S-7.92C(28)
Description  7.92mm Contact Pitch High-Current Connectors for Internal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-5S-7.92C(28) Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF22-5S-7.92C(28) Datasheet HTML 4Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 5Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 6Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 7Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 8Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 9Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 10Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 11Page - Hirose Electric DF22-5S-7.92C(28) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF22 Series
7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed)
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Polarity
mark
Polarity
mark
Contact No.1
24.22
33
17.22
10.5
7.92
Cavity No.
No. of contacts
indicator
Contact No.1
1
2
3
4
4
A
1
2
3
4
4
A
7.92
15.5
Contact No.1
No. of contacts
indicator
Polarity
mark
Cavity No.
(21.29)
A
1
3
2
4
Standard lock
BRecommended Panel Cutout
(Panel mount type)
11±0.2
19.76
+0.1
0
(23.72-X)
+0.1
0
17.62
+0.1
0
■In-line Double-row Socket
Note : Bag packaging (100 pcs/pack). Order by number of packs.
HRS No.
Part No.
No. of Contacts
Lock type
DF22B-4DS-7.92C
4
Standard lock
Standard Type (Guide Key : Inside, Color : White)
680-1142-8
HRS No.
Part No.
No. of Contacts
Lock type
DF22BR-4DS-7.92C
4
Standard lock
R Type (Guide Key : Right Side, Color : Black)
680-1156-2
HRS No.
Part No.
No. of Contacts
Lock type
DF22BL-4DS-7.92C
4
Standard lock
L Type (Guide Key : Left Side, Color : Red)
680-1161-2
■In-line Double-row Plug
HRS No.
Part No.
No. of Contacts
Connector type
DF22-4DEP-7.92C
DF22A-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
Standard Type (Guide Key : Inside, Color : White)
680-1051-4
680-1056-8
HRS No.
Part No.
No. of Contacts
Connector type
DF22R-4DEP-7.92C
4
With snap-in tabs
R Type (Guide Key : Right Side, Color : Black)
680-1170-3
Shown with terminated and contacts installed.
Panel thickness
X
2.0
1.6
1.2
0.8
0.48
0.96
1.44
1.92
Shown with terminated and contacts installed.
Unit : mm
Unit : mm
Unit : mm
Unit : mm
Unit : mm
Note : Bag packaging (100 pcs/pack). Order by number of packs.
HRS No.
Part No.
No. of Contacts
Connector type
DF22L-4DEP-7.92C
DF22AL-4DEP-7.92C
4
4
With snap-in tabs
Without snap-in tabs
L Type (Guide Key : Left Side, Color : Red)
680-1175-7
680-1189-1
Unit : mm
Note 1 : Please ensure when mating this connector
that the tapered portions of the panel are
facing outward towards the receptacle
connector’s mating interface.


Similar Part No. - DF22-5S-7.92C(28)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-5S-7.92C HIROSE-DF22-5S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-5S-7.92C HIROSE-DF22-5S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-5S-7.92C28 HIROSE-DF22-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
More results

Similar Description - DF22-5S-7.92C(28)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
logo
STMicroelectronics
L6788A STMICROELECTRONICS-L6788A Datasheet
334Kb / 18P
   High current internal drivers
July 2009 Rev 2
logo
ERNI Electronics
014317 ERNI-014317 Datasheet
48Kb / 1P
   High Current Male Contact
103100360001 ERNI-103100360001 Datasheet
50Kb / 1P
   High Current Female Contact
053312 ERNI-053312 Datasheet
50Kb / 1P
   High Current Male Contact
logo
Lumberg
458003OPT0.8 LUMBERG-458003OPT0.8 Datasheet
257Kb / 3P
   High-current contact elements
458003MPT2.0 LUMBERG-458003MPT2.0 Datasheet
261Kb / 3P
   High-current contact elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com