Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF19-20P-1V(56) Datasheet(PDF) 3 Page - Hirose Electric

Part # DF19-20P-1V(56)
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19-20P-1V(56) Datasheet(HTML) 3 Page - Hirose Electric

  DF19-20P-1V(56) Datasheet HTML 1Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 2Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 3Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 4Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 5Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 6Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 7Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 8Page - Hirose Electric DF19-20P-1V(56) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
B255
DF19 Series
1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19 # - *
* S - 1 F - GND
Product Number Structure
DF19 # - *
* P - 1 H
1
3
4
5
2
6
3
4
5
2
6
1
7
Series Name
: DF19
Configuration
Receptacle
G: Top-board mounting (1.65mm high)
K : Offset mounting (1.0mm high)
L
: Offset mounting (1.1mm high)
KR : Reverse offset mounting version of
DF19K (1.0mm high)
Plug for discrete wire
Blank : No grounding plate
G
: With grounding plate
Plug for FPC
G
: With grounding plate
Grounding plate for FPC
G
: With grounding plate
Plug for micro-coaxial cable
G
: With grounding plate
Grounding plate for micro-coaxial cable
G
: With grounding plate
1
Number of contacts : 8,14,20,30 (Note 1)
2
3
4 Connector type
S : Plug
P : Receptacle
Contact pitch : 1mm
Mounting type/Termination type
H
: Horizontal SMT
V
: Vertical SMT
C
: Plug – discrete wire (crimp contact)
F
: Plug – FPC
SD
: Plug – micro-coaxial cable
Additional separate component
GND : Ground plate (Note 2)
Note 1 : Number of contacts will differ depending on the connector style.
Note 2 : Grounding plates are required when terminating with the FPC and micro-coaxial cable.
Conductor size
2830 : 28 to 30 AWG
3032 : 30 to 32 AWG
0036 : 36 AWG
Contact type
SCF : Plug contact, tape and reel
packaging
Plating
A : Gold
Packaging
Blank : 10,000 pcs/reel
(41)
: 20,000 pcs/reel
Connector
DF19A - 2830 SCF A (*
* *
*)
3
3
1
1
2
2
4
Contact
5
6
7
4
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
B253-265 DF19 16.5.25 15:42 ページ B255


Similar Part No. - DF19-20P-1V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19-2830SCFA HIROSE-DF19-2830SCFA Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19-20P-1V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com