Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3A-4P-2DSA Datasheet(PDF) 7 Page - Hirose Electric

Part # DF3A-4P-2DSA
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3A-4P-2DSA Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF3A-4P-2DSA Datasheet HTML 3Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 4Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 5Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 6Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 7Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 8Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 9Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 10Page - Hirose Electric DF3A-4P-2DSA Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
B213
DF3 Series
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Note1 : Please order the emboss packaging product by the reel number. (1 reel : 1000pcs.)
■Straight Pin Header (SMT)
BPCB mounting pattern
[Specific No.] (
* *), * *
(21) : Tin plated packaging
(51) : Gold plated packaging
Note :
If a pattern is included in the shaded area and is not treated with resist,
it could touch the connector contact.
Unit : mm
Part No.
DF3EA-2P-2V(**)
DF3EA-3P-2V(**)
DF3EA-4P-2V(**)
DF3EA-5P-2V(**)
DF3EA-6P-2V(**)
DF3EA-7P-2V(**)
DF3EA-8P-2V(**)
DF3EA-9P-2V(**)
DF3EA-10P-2V(**)
DF3EA-11P-2V(**)
DF3EA-12P-2V(**)
DF3EA-13P-2V(**)
DF3EA-14P-2V(**)
DF3EA-15P-2V(**)
HRS No.
543-0315-0 **
543-0316-0 **
543-0317-0 **
543-0318-0 **
543-0319-0 **
543-0320-0 **
543-0321-0 **
543-0322-0 **
543-0323-0 **
543-0324-0 **
543-0325-0 **
543-0326-0 **
543-0327-0 **
543-0328-0 **
No. of Contacts
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
02
04
06
08
10
12
14
16
18
20
22
24
26
28
B
08.5
10.5
12.5
14.5
16.5
18.5
20.5
22.5
24.5
26.5
28.5
30.5
32.5
34.5
RoHS
YES
C
08.74
10.74
12.74
14.74
16.74
18.74
20.74
22.74
24.74
26.74
28.74
30.74
32.74
34.74
C
Cavity No.
HRS marking
Configuration of 2 to 6 position
Cavity No.
HRS marking
Number of Contacts
(0.7)
A
P=2
B
1.5


Similar Part No. - DF3A-4P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3A-4P-2DSA HIROSE-DF3A-4P-2DSA Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-4P-2DSA HIROSE-DF3A-4P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-4P-2DSA HIROSE-DF3A-4P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-4P-2DSA HIROSE-DF3A-4P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-4P-2DSA HIROSE-DF3A-4P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3A-4P-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com