Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF20G-30DP-1V(56) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF20G-30DP-1V(56)
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20G-30DP-1V(56) Datasheet(HTML) 4 Page - Hirose Electric

  DF20G-30DP-1V(56) Datasheet HTML 1Page - Hirose Electric DF20G-30DP-1V(56) Datasheet HTML 2Page - Hirose Electric DF20G-30DP-1V(56) Datasheet HTML 3Page - Hirose Electric DF20G-30DP-1V(56) Datasheet HTML 4Page - Hirose Electric DF20G-30DP-1V(56) Datasheet HTML 5Page - Hirose Electric DF20G-30DP-1V(56) Datasheet HTML 6Page - Hirose Electric DF20G-30DP-1V(56) Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B269
■ Double Row Straight Pin header
BPCB Footprints
D±0.05
P=1±0.03
A ±0.05
0.85±0.1
0.9±0.05
0.6±0.05
Contact No.1
Contact No.2
Contact No. **
Contact No. **-1
Contact No.3
0.2
D
C
Ø0.5
0.2
1.9
5.4
6.4
P=1
A
B
Contact No. 1 marking
Indication of number
of contacts
Note 1:Shaded area must be free of any electrically conductive traces to avoid contact with soldered pin header terminations.
Note 2: Required only for pin headers supplied with the positioning boss.
[Specifications number]-*, (**)
(56): Gold plating, embossed tape
packaging
Unit: mm
Note1: Order embossed tape packaging items by the reel. (1 reel contains 1,000 pieces)
Note2: Vacuum pick-up cap are included with embossed tape packaged connectors.
CL No.
Part Number
No. of contacts
CL686-0032-2-56
CL686-0033-5-56
CL686-0034-8-56
CL686-0035-0-56
CL686-0036-3-56
CL686-0037-6-56
CL686-0038-9-56
CL686-0039-1-56
CL686-0040-0-56
CL686-0041-3-56
DF20F -10DP-1V(56)
DF20F -20DP-1V(56)
DF20F -30DP-1V(56)
DF20F -40DP-1V(56)
DF20F -50DP-1V(56)
DF20G-10DP-1V(56)
DF20G-20DP-1V(56)
DF20G-30DP-1V(56)
DF20G-40DP-1V(56)
DF20G-50DP-1V(56)
10
20
30
40
50
10
20
30
40
50
A
B
C
D
Remarks
RoHS
14.0
19.0
14.0
19.0
24.0
14.0
19.0
14.0
19.0
24.0
17.3
12.3
17.3
22.3
27.3
17.3
12.3
17.3
22.3
27.3
16.6
11.6
16.6
21.6
26.6
16.6
11.6
16.6
21.6
26.6
----
----
----
----
----
15.7
10.7
15.7
20.7
25.7
Without boss
YES
With boss
DF20 Series
1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF20G-30DP-1V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20G-30DP-1V HIROSE-DF20G-30DP-1V Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20G-30DP-1V HIROSE-DF20G-30DP-1V Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20G-30DP-1V56 HIROSE-DF20G-30DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20G-30DP-1V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C Datasheet
235Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com