Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF19G-20S-1C(05) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF19G-20S-1C(05)
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19G-20S-1C(05) Datasheet(HTML) 4 Page - Hirose Electric

  DF19G-20S-1C(05) Datasheet HTML 1Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 2Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 3Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 4Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 5Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 6Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 7Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 8Page - Hirose Electric DF19G-20S-1C(05) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
B256
DF19 Series
1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
■Right angle receptacle, top-board mounting
BPCB mounting pattern
1.1
+0.1
0
0.55±0.05
P=1±0.05
Outline of the receptacle
No conductive traces
B±0.05
1.85±0.1
1.65±0.1
5.7
A
2.375
B
2.175
P= 1
0.25
C
Contact No. 1 indicator
Specification
(54) : Tape & reel packaging
(1,000 pcs/reel)
HRS No.
Part No.
No. of contacts
A
B
C
Remarks
RoHS
685-0021-0 54
685-0004-0 54
685-0006-6 54
685-0015-7 54
DF19G-18P-1H (54)
DF19G-14P-1H (54)
DF19G-20P-1H (54)
DF19G-30P-1H (54)
8
14
20
30
11.55
17.55
23.55
33.55
7
13
19
29
11.95
17.95
23.95
33.95
1.65mm high
YES
Unit : mm
Note : Order by number of reels.
B253-265 DF19 16.5.25 15:42 ページ B256


Similar Part No. - DF19G-20S-1C(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19G-20S-1C HIROSE-DF19G-20S-1C Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19G-20S-1C HIROSE-DF19G-20S-1C Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19G-20S-1CGND HIROSE-DF19G-20S-1CGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19G-20S-1CGND HIROSE-DF19G-20S-1CGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19G-20S-1C(05)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com