Electronic Components Datasheet Search |
|
DF22CL-3S-7.92C Datasheet(PDF) 10 Page - Hirose Electric |
|
DF22CL-3S-7.92C Datasheet(HTML) 10 Page - Hirose Electric |
10 / 12 page 10 DF22 Series ●7.92mm Contact Pitch High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed) Note 1 : Applicable wire with tin plated solid soft conductor. Note 2 : When using other than the recommended wire, contact your nearest Hirose representative. Note 3 : Strip length: 3.5 to 4.5mm BCrimp Contact for Socket t=0.3 2.8 3.8 4.7 P=15.5 3.8 P=16.5 2.8 4.7 t=0.4 For 14 to 16 AWG For 10 to 12 AWG Note 1 : Applicable wire with tin plated solid soft conductor. Note 2 : When using other than the recommended wire, contact your nearest Hirose representative. Note 3 : Strip length: 3.5 to 4.5mm 1.6 3.8 P=15.5 0.8 2.8 4.7 t=0.3 1416 BCrimp Contact for In-line Plug Part No. HRS No. Applicable cable Packaging Finish UL style Jacket diameter Wire size Stranded wire conductor DF22-1416SCF 680-1000-3 1430 Ø2.4 to 3.0mm 16 AWG, 14 AWG 26/0.254mm,41/0.26mm 2500/reel Tin plated DF22-1416SC 680-1001-6 Ø2.6mm 16 AWG 26/0.254mm 100/pack DF22A-1416SCF 680-1002-9 1015 Ø3.0 to 3.8mm 16 AWG 14 AWG 26/0.254mm 41/0.26mm 2000/reel DF22A-1416SC 680-1003-1 Ø3.2mm,Ø3.7mm 100/pack DF22A-1012SCF 680-1089-7 Ø3.6 to 4.9mm 12 AWG 10 AWG 65/0.26mm 104/0.26mm 2000/reel DF22A-1012SC 680-1090-6 Ø4.04mm,Ø4.69mm 100/pack DF22-1416SCFA 680-1085-6 1430 Ø2.4 to 3.0mm 16 AWG 14 AWG 26/0.254mm 41/0.26mm 2500/reel Gold plated DF22A-1416SCFA 680-1087-1 1015 Ø3.0 to 3.8mm 2000/reel DF22A-1012SCFA 680-1106-4 Ø3.6 to 4.9mm 12 AWG 10 AWG 65/0.26mm 104/0.26mm 2000/reel Part No. HRS No. Applicable cable Packaging Finish UL style Jacket diameter Wire size Stranded wire conductor DF22-1416PCF 680-1078-0 1430 Ø2.4 to 3.0mm 16 AWG, 14 AWG 26/0.254mm,41/0.26mm 2500/reel Tin plated DF22-1416PC 680-1080-2 Ø2.6mm 16 AWG 26/0.254mm 100/pack DF22A-1416PCF 680-1079-3 1015 Ø3.0 to 3.8mm 16 AWG 14 AWG 26/0.254mm 41/0.26mm 2000/reel DF22A-1416PC 680-1081-5 Ø3.2mm,Ø3.7mm 100/pack DF22-1416PCFA 680-2002-4 1430 Ø2.4 to 3.0mm 2500/reel Gold plated |
Similar Part No. - DF22CL-3S-7.92C |
|
Similar Description - DF22CL-3S-7.92C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |