Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13-10P-1.25DS(20) Datasheet(PDF) 11 Page - Hirose Electric

Part # DF13-10P-1.25DS(20)
Description  1.25mm Pitch Miniature Crimping Connector (UL Listed)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13-10P-1.25DS(20) Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF13-10P-1.25DS(20) Datasheet HTML 4Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 5Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 6Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 7Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 8Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 9Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 10Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 11Page - Hirose Electric DF13-10P-1.25DS(20) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
B252
DF13 Series
1.25mm Pitch Miniature Crimping Connector (UL Listed)
1. Recommended Temperature
Profile (SMT)
Note 1. This temperature profile is a recommended value.
Note 2. Up to 2 cycles of Reflow soldering are possible under the same conditions, provided
that there is a return to normal temperature between the first and second cycle.
Note 3. The temperature profile indicates the board surface temperature at the point
of contacts with the connector terminals.
Note 4. Slight variations in color of the plastic compounds do not affect form, fit or function
of the connector.
2. Recommended Soldering
Condition (SMT)
Manual soldering : 290±10ç for 2 seconds max.
3. Recommended Screen
Thickness (SMT)
0.15
to 0.2mm
4. Board Warpage (SMT)
Max 0.03mm in the connector center area, based on both connector edges
5. Recommended Soldering
Flow : 250±5ç for 3 seconds
5. Condition (Through hole)
Manual soldering : 290±10ç for 2 seconds
6. Cleaning Condition
Refer to Wire to board connector Use Hand book.
IPA cleaning is allowed. (Cleaning is not recommended because cleaning may change the
mating/withdrawal feeling etc. Please contact us when you use other cleaning agents.)
7. Connection Condition
Refer to Wire to board connector Use Hand book.
■Carefully carry out the crimping operation according to "Crimping Condition Sheet" and
"Crimping Quality Standard", because the crimping contact is an extremely small style.
8. Cautions
■Be careful for the excessive scoop insertion/extraction, which will cause damage to the product.
9. Precautions
Refer to Wire to board connector Use Hand book.
BPrecautions
MAX 250
TIME(Sec)
60sec MAX
60-120sec
0
100
170
190
230
200
250
10sec MAX
PRE-HEATING TIME
SOLDERINGTIME
[Applicable Conditions]
1. Peak temperature : 250
℃ max.
2. Heating area : 230
℃ min. for less than 60 seconds
3. Preheating area : 170
℃ to 190℃ for 60 to 120 seconds
4. Number of times : no more than 2 times
* Measurement is conducted at the contact lead part
Soldering results may change depending on conditions such as solder paste type,
manufacturer, PCB size, and other soldering materials.
Please determine all mounting conditions before use.


Similar Part No. - DF13-10P-1.25DS(20)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-10P-1.25DS HIROSE-DF13-10P-1.25DS Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-10P-1.25DSA HIROSE-DF13-10P-1.25DSA Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13-10P-1.25DS(20)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com