Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3-12P-2DSA(01) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF3-12P-2DSA(01)
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-12P-2DSA(01) Datasheet(HTML) 4 Page - Hirose Electric

  DF3-12P-2DSA(01) Datasheet HTML 1Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 2Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 3Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 4Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 5Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 6Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 7Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 8Page - Hirose Electric DF3-12P-2DSA(01) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
B210
DF3 Series
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Note 1 :
Mark to determine the socket name
Mark6 : R26, Mark8 : R28
This picture shows the cable
assembled status.
■ID Socket
[Specific No.] (
* *), * *
(01)
: Gold plated, 100pcs/pack
(05)
: Tin plated, 100pcs/pack
Unit : mm
●26 AWG
●28 AWG
Unit : mm
Note 2 : The quantity for delivery of the specific No. (01) and (05) is determined per bag (100pcs.). If needed, please order the
productsper bag.
■Applicable Cable
Part No.
Applicable Cable
Jacket Diameter
DF3-
*S-2R26(**)
UL1061
26 AWG (7/0.16)
Ø0.9 to 1mm
DF3-
*S-2R28(**)
UL1061
28 AWG (7/0.127)
Ø0.9 to 1mm
■Applicable ID Connection Tool
Type
Part No.
Connection Type
Remarks
DF3 DF4 Desktop ID Machine
SA701/DF3
DF3 No restriction
Desktop machine for small lot
DF3- 2S-2R26(**)
DF3- 3S-2R26(**)
DF3- 4S-2R26(**)
DF3- 5S-2R26(**)
DF3- 6S-2R26(**)
DF3- 7S-2R26(**)
DF3- 8S-2R26(**)
DF3- 9S-2R26(**)
DF3-10S-2R26(**)
DF3-11S-2R26(**)
DF3-12S-2R26(**)
DF3-13S-2R26(**)
DF3-14S-2R26(**)
DF3-15S-2R26(**)
Part No.
HRS No.
543-0078-7 **
543-0079-0 **
543-0080-9 **
543-0081-1 **
543-0082-4 **
543-0083-7 **
543-0084-0 **
543-0085-2 **
543-0086-5 **
543-0087-8 **
543-0088-0 **
543-0089-3 **
543-0090-2 **
543-0091-5 **
No. of
Contacts
2
3
4
5
6
7
8
9
10
11
12
13
14
15
AB
6
8
10
12
14
16
18
20
22
24
26
28
30
32
2
4
6
8
10
12
14
16
18
20
22
24
26
28
RoHS
YES
DF3- 2S-2R28(**)
DF3- 3S-2R28(**)
DF3- 4S-2R28(**)
DF3- 5S-2R28(**)
DF3- 6S-2R28(**)
DF3- 7S-2R28(**)
DF3- 8S-2R28(**)
DF3- 9S-2R28(**)
DF3-10S-2R28(**)
DF3-11S-2R28(**)
DF3-12S-2R28(**)
DF3-13S-2R28(**)
DF3-14S-2R28(**)
DF3-15S-2R28(**)
Part No.
HRS No.
543-0092-8 **
543-0093-0 **
543-0094-3 **
543-0095-6 **
543-0096-9 **
543-0097-1 **
543-0098-4 **
543-0099-7 **
543-0100-4 **
543-0101-7 **
543-0102-0 **
543-0103-2 **
543-0104-5 **
543-0105-8 **
No. of
Contacts
2
3
4
5
6
7
8
9
10
11
12
13
14
15
AB
6
8
10
12
14
16
18
20
22
24
26
28
30
32
2
4
6
8
10
12
14
16
18
20
22
24
26
28
RoHS
YES


Similar Part No. - DF3-12P-2DSA(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-12P-2DSA(01) HIROSE-DF3-12P-2DSA(01) Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3-12P-2DSA(01)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com