Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5203T Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFBR-5203T
Description  ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5203T Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFBR-5203T Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5203T Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Agilent LED technology has
produced 800 nm LED and 1300
nm LED devices with lower aging
characteristics than normally
associated with these technolo-
gies in the industry. The industry
convention is 3 dB aging for 800
nm and 1.5 dB aging for 1300 nm
LEDs. The 1300 nm HP LEDs are
specified to experience less than
1 dB of aging over normal
commercial equipment mission
life periods. Contact your Agilent
sales representative for additional
details.
Figure 4 was generated for the
1300 nm transceivers with an
Agilent fiber optic link model
containing the current industry
conventions for fiber cable
specifications and the draft ANSI
T1E1.2. These optical parameters
are reflected in the guaranteed
performance of the transceiver
specifications in this data sheet.
This same model has been used
extensively in the ANSI and IEEE
committees, including the ANSI
T1E1.2 committee, to establish
the optical performance
requirements for various fiber
optic interface standards. The
cable parameters used come from
the ISO/IEC JTC1/SC 25/WG3
Generic Cabling for Customer
Premises per DIS 11801 docu-
ment and the EIA/TIA-568-A
Commercial Building
Telecommunications Cabling
Standard per SP-2840.
The HFBR-5203 series 800 nm
transceiver curve in Figure 4 was
generated based on extensive
empirical test data of the 800 nm
transceiver performance. The
curve includes the effect of typical
fiber attenuation, plus receiver
sensitivity loss due to chromatic
and metal dispersion losses
through the fiber.
Transceiver Signaling
Operating Rate Range and BER
Performance
For purposes of definition, the
symbol (Baud) rate, also called
signaling rate, is the reciprocal of
the symbol time. Data rate (bits/
sec) is the symbol rate divided by
the encoding factor used to
encode the data (symbols/bit).
When used in 155 Mbps SONET
OC-3 applications the perform-
ance of the 1300 nm transceivers,
HFBR-5204/5205 is guaranteed
to the full conditions listed in
individual product specification
tables.
The transceivers may be used for
other applications at signaling
rates different than 155 Mbps
with some variation in the link
optical power budget. Figure 5
gives an indication of the typical
performance of these products at
different rates.
These transceivers can also be
used for applications which
require different Bit Error Rate
(BER) performance. Figure 6
The following information is
provided to answer some of the
most common questions about
the use of these parts.
Transceiver Optical Power
Budget versus Link Length
Optical Power Budget (OPB) is
the available optical power for a
fiber optic link to accommodate
fiber cable losses plus losses due
to in-line connectors, splices,
optical switches, and to provide
margin for link aging and
unplanned losses due to cable
plant reconfiguration or repair.
Figure 4 illustrates the predicted
OPB associated with the three
transceivers series specified in
this data sheet at the Beginning of
Life (BOL). These curves repre-
sent the attenuation and chromatic
plus modal dispersion losses
associated with the 62.5/125
µm
and 50/125
µm fiber cables only.
The area under the curves
represents the remaining OPB at
any link length, which is available
for overcoming non-fiber cable
losses.
Figure 4. Optical Power Budget vs. Fiber Optic Cable Length.
0
FIBER OPTIC CABLE LENGTH (km)
0.5
1.5
2.0
2.5
12
10
8
6
4
2
1.0
0.3
HFBR-5205, 62.5/125 µm
HFBR-5205,
50/125 µm
HFBR-5203,
62.5/125 µm
HFBR-5204,
62.5/125 µm
HFBR-5203,
50/125 µm
HFBR-5204,
50/125 µm


Similar Part No. - HFBR-5203T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203T HP-HFBR-5203T Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5203T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
323Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5805 HP-HFBR-5805 Datasheet
251Kb / 14P
   HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com