Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF58-4P-1.2V(21) Datasheet(PDF) 7 Page - Hirose Electric

Part # DF58-4P-1.2V(21)
Description  Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF58-4P-1.2V(21) Datasheet(HTML) 7 Page - Hirose Electric

  DF58-4P-1.2V(21) Datasheet HTML 1Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 2Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 3Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 4Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 5Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 6Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 7Page - Hirose Electric DF58-4P-1.2V(21) Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DF58 SeriesSmall-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
BUsage Recommendation
7. Insertion
and removal
operation
method
Mating
(1) Placing the crimp socket
  Insert the crimp socket by aligning to the housing outline.
(2) Insertion
  Press down in the center of the crimp socket, and mating is complete.
(3) Checking the mated state
  Check if the crimp socket is securely mated.
  If one end floats or is mated at an angle, unmate, and mate it again.
If the connector is inserted when the crimp socket isn't placed correctly, only the friction lock on
the non-cable side may be inserted as shown in the Figure below. In this case, unmate, and
mate it again. Forced mating will lower the retention force.
Insert it over again.
Mating is finished.
If crimp socket is correctly aligned, the top face of the
crimp socket becomes parallel to the PCB.
Press down in the center.


Similar Part No. - DF58-4P-1.2V(21)

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF5800S200D TOKEN-DF5800S200D Datasheet
524Kb / 19P
   DF-B Dielectric Filters
More results

Similar Description - DF58-4P-1.2V(21)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
   Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
   1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
   65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
   15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC Datasheet
366Kb / 7P
   Low Profile Connectors for AC power supply
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC_1 Datasheet
350Kb / 7P
   Low Profile Connectors for AC power supply
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com